Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # LM317
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LM317 Datasheet(HTML) 2 Page - Continental Device India Limited

  LM317 Datasheet HTML 1Page - Continental Device India Limited LM317 Datasheet HTML 2Page - Continental Device India Limited LM317 Datasheet HTML 3Page - Continental Device India Limited LM317 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LM317
TO-220
Plastic Package
ELECTRICAL CHARACTERISTICS
VI-VO=5V, 0ºC <TJ <125ºC, IO=500mA, (Max=1.5A, Pmax=20W, unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Maximum Output Current
IO(max)
VI -VO=15V, PD<=PMAX
1.5
A
VI -VO=40V, PD<=PMAX,
Ta=25ºC
0.15
A
RMS Noise V.S% of Vout
eN
Ta=25ºC, 10Hz<= f<=10KHz
0.01
%/VO
Ripple Rejection
RR
VO=10V, f=120Hz
60
dB
VO=10V, f=120Hz, CADJ=10µF
66
dB
Long Term Stability, TJ=THIGH
ST
Ta=25ºC, 1000hr
1.0
%
Junction to Case Thermal Resistance
Rth (j-c)
5.0
ºC/W
Note: Testing with low duty pulse should be used to aviod heating effect
LM317Rev110205E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com