Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # LM317
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LM317 Datasheet(HTML) 1 Page - Continental Device India Limited

  LM317 Datasheet HTML 1Page - Continental Device India Limited LM317 Datasheet HTML 2Page - Continental Device India Limited LM317 Datasheet HTML 3Page - Continental Device India Limited LM317 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LM317
TO-220
Plastic Package
APPLICATIONS
The voltages available allow these Regulators to be used in Logic Systems, Instrumentation, Hi-Fi Audio
Circuits and other Solid State Electronic Equipment
FEATURES
Internal Short Circuit Protection and Internal Over Temperature Protection
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
UNIT
Input Output Voltage Difference
V
Lead Temperature
ºC
Power Dissipation
Operating Temperature Range
ºC
Storage Temperature Range
ºC
ELECTRICAL CHARACTERISTICS
VI-VO=5V, 0ºC <TJ <125ºC, IO=500mA, (Max=1.5A, Pmax=20W, unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Line Regulation
∆V
O
Ta=25ºC, 3V<=VI -VO<=40V
0.04
%/V
Ta=0 -125ºC, 3V<=VI -VO<=40V
0.07
%/V
Load Regulation
∆V
O
Ta=25ºC,
VO<=6V
25
mV
10mA<=IO<=IMAX
VO>=5V
0.5
%/VO
10mA<=IO<=IMAX
VO<=5V
70
mV
VO>=6V
1.5
%/VO
Adjustable Pin Current
IADJ
100
µA
Adjustable Pin Current Change
∆IA
DJ
2.5V<=VI -VO<=40V,
10mA<=1O <=IMAX,
PD<=PMAX
5.0
µA
Reference Voltage
VREF
3V<=VI -VO<=40V, 10mA<=1O
<=IMAX, PD<=PMAX
1.2
1.3
V
Temperature Stability
STT
0.7
%/VO
Minimum Load Current for Regulation
IL(min)
VI -VO=40V
10
mA
LM317Rev110205E
PD
Internal Limited
- 65 ~150
0 ~ 125
Tstg
Tamb
230
VALUE
40
VI - VO
SYMBOL
Tlead
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
STMicroelectronics
LM317 STMICROELECTRONICS-LM317 Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
More results

Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GELM317 ETC2-GELM317 Datasheet
281Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317L FS-FR317L Datasheet
197Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com