Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD471A Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSD471A
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD471A Datasheet(HTML) 2 Page - Continental Device India Limited

  CSD471A Datasheet HTML 1Page - Continental Device India Limited CSD471A Datasheet HTML 2Page - Continental Device India Limited CSD471A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TO-92 Transistors on Tape and Ammo Pack
TO-92 Plastic Package
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5.0K
2.0K
17" x 15" x 13.5"
17" x 15" x 13.5"
80.0K
32.0K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
CUM U LATIV E PIT CH
E RRO R 1.0 m m /20
PITCH
TO BE M E A S URE D AT
B OT TOM O F C LINCH
AT TO P OF BODY
t1 0.3 - 0 .6
BOD Y W IDT H
B ODY HEIG HT
BOD Y T HICKNESS
PITCH OF COM P O NENT
FEED HO LE PITCH
FE E D HO LE CE NTR E TO
CO M P ONE NT CE NTR E
DISTAN CE BE T W EEN O UTE R
LEADS
CO M P ONE NT A LIGN M EN T
TAPE W IDTH
HO LD-D OW N TA PE W IDT H
HO LE PO S ITIO N
HO LD-D OW N TA PE P O SIT ION
LE A D W IRE CLINCH H EIG HT
CO M P ONE NT HE IGH T
LE NG TH O F SNIPPED LE AD S
FEED HO LE DIAM ETER
TO TA L TAPE TH ICKNESS
LEAD - TO - LEAD DISTAN CE F1,
CLINC H HE IGH T
P ULL - O UT FO RCE
ITE M
A1
A
T
P
Po
P2
F
h
W
Wo
W1
W2
Ho
H1
L
Do
t
F2
H2
(P )
SYM BO L
SPEC IFICAT ION
4.0
4.8
3.9
6N
MIN.
12.7
12.7
6.35
5.08
0
18
6
9
0.5
16
4
2.54
NO M .
4.8
5.2
4.2
1
23.25
11.0
1.2
3
M AX.
±1
±0.3
±0.4
+0.6
-0.2
±0.5
±0.2
+0.7
-0.5
±0.2
±0.5
±0.2
+0.4
-0.1
TO L .
RE M A RK S
NOTES
1 . M A XIM U M AL IG N M EN T DE VIAT IO N BE T W E E N L E A D S NO T TO BE GR EAT E R T H A N 0 .2 m m .
2. M A X IM U M N O N- CU M U LATIV E VA R IAT IO N BETW E E N TA P E FE ED HO LE S SH ALL N O T EX CE ED 1 m m IN 20
P IT C H E S .
3 . HO L DDO W N TA PE NOT T O EX CE ED BE YO ND TH E E D GE (S ) OF C A R R IE R TA P E A N D TH ER E SHA L L B E N O
EX PO SU R E O F AD H ESIV E .
4. N O M O R E TH AN 3 C O N S E C U T IV E M ISS IN G C O M P O N E N T S AR E PER M ITTE D.
5. A TA PE TR A ILE R, H AVIN G AT LEA S T TH R EE F EED H O LE S A R E RE QU IR ED AFTE R T H E LAST CO M P O N EN T.
6 . S P L IC E S SH AL L N O T IN T E R F ER E W IT H T H E S P RO CK ET F E ED HO L E S .
All dim ensions in m m unles s specified otherwise
Amm o Pack Style
Ad hesive Tape on Top Side
FL AT SIDE
MECHANICAL DATA
T
t1
t
F1
F2
F
P2
Po
Do
(p )
W2
Wo
W1
W
H1
A
A1
P
H0
L
Flat S id e o f Tra nsis tor and
Ad hesive Tape V isible
20 00 pcs./A m m o P ack
LA BE L
Carrier
Strip
8.2"
13"
FE
ED
1.77
"
h
h
B
3 2 1
D
A A
SEC AA
G
D
F
F
3 2 1
3
2
1
DIM
M IN.
M AX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F5 DEG
G
1.14
1.40
H
1.14
1.53
K
12.70
—
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EM ITTER
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com