Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD471A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD471A
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD471A Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD471A Datasheet HTML 1Page - Continental Device India Limited CSD471A Datasheet HTML 2Page - Continental Device India Limited CSD471A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSD471A
TO-92
BCE
Low Frequency Power Amplifier.
Complementary CSB564A
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
BVCBO
40
V
Collector Emitter Voltage
BVCEO
30
V
Emitter Base Voltage
BVEBO
5.0
V
Collector Current
IC
1.0
A
Collector Dissipation
PC
800
mW
Junction Temperature
Tj
150
deg C
Storage Temperature
Tstg
-55 to +150
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Base Voltage
BVCBO
IC=100uA, IE=0
40
-
-
V
Collector Emitter Voltage
BVCEO
IC=10mA, IB=0
30
-
-
V
Emitter Base Voltage
BVEBO
IE=100uA, IC=0
5.0
-
-
V
Collector Cut off Current
ICBO
VCB=30V, IE=0
-
-
0.1
uA
DC Current Gain
hFE
VCE=1V, IC=100mA
70
-
400
Collector Emitter Saturation Voltage
VCE(Sat)
IC=1A, IB=0.1A
-
-
0.5
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=1A, IB=0.1A
-
-
1.2
V
Dynamic Characteristics
Transition Frequency
ft
VCE=6V, IC=10mA,
-
130
-
MHz
Output Capacitance
Cob
VCB=6V, IE=0
-
16
-
pF
f=1MHz
hFE* Classification :
O : 70-140;
Y : 120-240;
G : 200-400;
Continental Device India Limited
Data Sheet
Page 1 of 3
E C
B
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSD471A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD401 CDIL-CSD401 Datasheet
120Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
SHENZHEN DOINGTER SEMIC...
CSD40N160 DOINGTER-CSD40N160 Datasheet
762Kb / 5P
N-Channel MOSFET uses advanced trench technology
CSD40N70 DOINGTER-CSD40N70 Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Texas Instruments
CSD43301Q5M TI-CSD43301Q5M Datasheet
1Mb / 15P
NexFET Smart Synchronous Rectifier
CSD43301Q5M TI2-CSD43301Q5M Datasheet
530Kb / 13P
NexFET™ Smart Synchronous Rectifier
REVISED MAY 2013
More results

Similar Description - CSD471A

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com