Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC4217 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSC4217
Description  TO-126 (SOT-32) Plastic Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC4217 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSC4217 Datasheet HTML 1Page - Continental Device India Limited CSC4217 Datasheet HTML 2Page - Continental Device India Limited CSC4217 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current (pulse)
ICP
max.
400 mA
Total power dissipation up to TA = 25°C
PC
max.
1.5 W
Total power dissipation up to TC = 25°C
PC
max.
10 W
Junction temperature
Tj
max.
150 ºC
Storage temperature
Tstg
–65 to +150 ºC
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
Collector cutoff current
IE = 0; VCB = 200 V
ICBO
max.
0.1 µA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
0.1 µA
Saturation voltages
IC = 20 mA; IB = 2 mA
VCEsat
max.
0.6 V
VBEsat
max.
1.0 V
D.C. current gain
IC = 10 mA; VCE = 10 V
hFE
D
min.
60
max.
120
Transition frequency
IC = 10 mA; VCE = 10 V
fT
typ.
70 MHz
Output capacitance
VCB = 50 V; IE = 0; f = 1 MHz
Cob
typ.
3.5 pF
CSC4217



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com