Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC4217 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC4217
Description  TO-126 (SOT-32) Plastic Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC4217 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC4217 Datasheet HTML 1Page - Continental Device India Limited CSC4217 Datasheet HTML 2Page - Continental Device India Limited CSC4217 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSC4217
NPN PLASTIC POWER TRANSISTOR
Colour TV Output, Sound Output, B/W TV Video Output and
Sound Output Applications
ABSOLUTE MAXIMUM RATINGS
Collector-base voltage (open emitter)
VCBO
max.
300 V
Collector-emitter voltage (open base)
VCEO
max.
300 V
Collector current
IC
max.
200 mA
Total power dissipation up to TC = 25°C
PC
max.
10 W
Junction temperature
Tj
max.
150 °C
Collector-emitter saturation voltage
IC = 20 mA; IB = 2 mA
VCEsat
max.
0.6 V
D.C. current gain
IC = 10 mA; VCE = 10 V
hFE
D
min.
60
max.
120
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
Collector-base voltage (open emitter)
VCBO
max.
300 V
Collector-emitter voltage (open base)
VCEO
max.
300 V
Emitter-base voltage (open collector)
VEBO
max.
6.0 V
Collector current
IC
max.
200 mA
CSC4217
ALL DIMENSIONS IN MM
PIN CONFIGURATION
1. EMITTER
2. COLLECTOR
3. BASE
1
3
2
TO-126 (SOT-32) Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC4217

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC4212 CDIL-CSC4212 Datasheet
267Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
logo
List of Unclassifed Man...
CSC4213 ETC-CSC4213 Datasheet
66Kb / 2P
CSC4213
More results

Similar Description - CSC4217

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3114 KEC-KTC3114_07 Datasheet
422Kb / 1P
TO-126 PACKAGE
MJE13003 KEC-MJE13003_06 Datasheet
371Kb / 1P
TO-126 PACKAGE
logo
Continental Device Indi...
TO-126 CDIL-TO-126 Datasheet
169Kb / 4P
TO-126 Leaded Plastic Package
logo
Foshan Blue Rocket Elec...
2SB649A FOSHAN-2SB649A Datasheet
1,000Kb / 6P
Silicon PNP transistor in a TO-126 Plastic Package
BRL2N65 FOSHAN-BRL2N65 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a TO-126 Plastic Package
KSD882 FOSHAN-KSD882 Datasheet
865Kb / 6P
Silicon NPN transistor in a TO-126 Plastic Package.
2SB649 FOSHAN-2SB649 Datasheet
1,009Kb / 6P
Silicon PNP transistor in a TO-126 Plastic Package.
2SD669 FOSHAN-2SD669 Datasheet
1,019Kb / 6P
Silicon NPN transistor in a TO-126 Plastic Package.
2SD1609 FOSHAN-2SD1609 Datasheet
941Kb / 6P
Silicon NPN transistor in a TO-126 Plastic Package.
MJE243 FOSHAN-MJE243 Datasheet
1,015Kb / 6P
Silicon NPN transistor in a TO-126 Plastic Package.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com