Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2330 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2330
Description  NPN SILICON HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2330 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2330 Datasheet HTML 1Page - Continental Device India Limited CSC2330 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON HIGH VOLTAGE TRANSISTOR
CSC2330
TO-237
BCE
Intended For Video Output Stages In Black & White in Colour Television Receivers
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
300
V
Collector -Emitter Voltage
VCEO
300
V
Emitter Base Voltage
VEBO
7.0
V
Collector Current Continuous
IC
100
mA
Power Dissipation @ Ta=25 deg C
PD
1.0
W
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
Thermal Resistance Junction to Ambient
Rth (j-a)
130
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Base Voltage
VCBO
IC=100uA, IE=0
300
-
-
V
Collector -Emitter Voltage
VCEO
IC=5mA, IB=0
300
-
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
7.0
-
-
V
Collector Cut off Current
ICBO
VCB=200V, IE=0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=3V, IC=0
-
-
20
nA
DC Current Gain
hFE
IC=20mA,VCE=10V
40
-
240
Collector Emitter Saturation Voltage
VCE(Sat)
IC=10mA,IB=1mA
-
-
0.5
V
Dynamic Characteristics
Gain Bandwidth Product
ft
VCE=30V,IC=10mA,
-
50
-
MHz
Output Capacitance
Cob
VCB=10V, IE=0
-
4.0
-
pF
f=1MHz
-
-
-
pF
CLASSIFICATION
R
O
Y
hFE
40-80
70-140
120-240
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC2330

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2331 CDIL-CSC2331 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CSC2331NPN CDIL-CSC2331NPN Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CSC2335 CDIL-CSC2335 Datasheet
376Kb / 3P
NPN PLASTIC POWER TRANSISTOR
More results

Similar Description - CSC2330

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
NPN Silicon High Voltage Transistor
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
NPN Silicon High Voltage Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com