Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC1730 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC1730
Description  NPN SILICON EPITAXIAL RF TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC1730 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC1730 Datasheet HTML 1Page - Continental Device India Limited CSC1730 Datasheet HTML 2Page - Continental Device India Limited CSC1730 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL RF TRANSISTOR
CSC1730
TO92
BCE
TV VHF, UHF, TUNER Oscillator Mixer Amplifier Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
30
V
Collector -Emitter Voltage
VCEO
15
V
Emitter Base Voltage
VEBO
5
V
Collector Current Continuous
IC
50
mA
Power Dissipation
PD
250
mW
Junction Temperature
Tj
150
deg C
Storage Temperature
Tstg
-55 to +150
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Base Voltage
VCBO
IC=10uA, IE=0
30
-
-
V
Collector -Emitter Voltage
VCEO
IC=5mA, IB=0
15
-
-
V
Emitter Base Voltage
VEBO
IE=10uA, IC=0
5.0
-
-
V
Collector Cut off Current
ICBO
VCB=12V, IE=0
-
-
100
nA
Collector Emitter Saturation Voltage
VCE(Sat)
IC=10mA,IB=1mA
-
-
0.50
V
DC Current Gain
hFE
IC=5mA,VCE=10V
40
-
240
Dynamic Characteristics
Transition Frequency
ft
VCE=10V,IC=5mA,
800
1100
-
MHz
Output Capacitance
Cob
VCB=10V, IE=0
-
-
1.5
pF
f=1MHz
Collector - Base Time Constant
Cc rbb'
VCE=10V, IE=5mA,
-
10
20
ps
f=31.9MHz
CLASSIFICATION
R
O
Y
hFE
40-80
70-140
120-240
Continental Device India Limited
Data Sheet
Page 1 of 3
E C
B
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC1730

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1740 CDIL-CSC1740 Datasheet
153Kb / 3P
NPN EPITAXIAL SILICON PLANAR TRANSISTOR
CSC1740E CDIL-CSC1740E Datasheet
153Kb / 3P
NPN EPITAXIAL SILICON PLANAR TRANSISTOR
CSC1740O CDIL-CSC1740O Datasheet
153Kb / 3P
NPN EPITAXIAL SILICON PLANAR TRANSISTOR
CSC1740R CDIL-CSC1740R Datasheet
153Kb / 3P
NPN EPITAXIAL SILICON PLANAR TRANSISTOR
CSC1740S CDIL-CSC1740S Datasheet
153Kb / 3P
NPN EPITAXIAL SILICON PLANAR TRANSISTOR
More results

Similar Description - CSC1730

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4228 RENESAS-2SC4228 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC4957 RENESAS-2SC4957 Datasheet
189Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5011 RENESAS-2SC5011 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 RENESAS-2SC5013 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5015 RENESAS-2SC5015 Datasheet
182Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4093 CEL-2SC4093 Datasheet
571Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC4227 CEL-2SC4227 Datasheet
846Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 CEL-2SC5013 Datasheet
816Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5015 CEL-2SC5015 Datasheet
1Mb / 7P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357_15 Datasheet
218Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com