Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC1684 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC1684
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC1684 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC1684 Datasheet HTML 1Page - Continental Device India Limited CSC1684 Datasheet HTML 2Page - Continental Device India Limited CSC1684 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CSC1684, CSC1685
TO-92
Plastic Package
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
CSC1684
UNITS
Collector Emitter Voltage
VCEO
25
V
Collector Base Voltage
VCBO
30
V
Emitter Base Voltage
VEBO
7
V
Collector Current Peak
ICP
200
mA
Collector Current
IC
100
mA
Power Dissipation @ Ta=25ºC
PC*
400
mW
Junction Temperature
Tj
150
ºC
Storage Temperature Range
Tstg
- 55 to +150
ºC
*PC=250mW/Potting type: PC=250mW
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut off Current
ICBO
VCB=10V, IE = 0
1.0
µA
Collector Cut off Current
ICEO
VCE=10V, IB = 0
100
µA
Collector Base Voltage
VCBO
IC=10µA, IE=0
CSC1684
30
V
CSC1685
60
V
Collector Emitter Voltage
VCEO
IC=2mA, IB=0
CSC1684
25
V
CSC1685
50
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
7
V
DC Current Gain
hFE*
VCE=10V, IC=2mA
160
460
hFE
VCE=2V, IC=100mA
90
Collector Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=10mA
0.5
V
Transition Frequency
fT
IC=2mA, VCE=10V
150
MHz
Output Capacitance
Cob
IE=0, VCB=10V,f=1MHz
3.5
pF
*hFE Classifications
CSC1685
50
60
VCE =10V, IC=1mA,
Gv=80dB Rg=100kΩ,
Function=FLAT
300
NV
Noise Figure
mV
Q : 160 - 260
R : 200 - 340
S : 290 - 460
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC1684

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1674 CDIL-CSC1674 Datasheet
187Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Tripp Lite. All Rights ...
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CSC16ACW TRIPPLITE-CSC16ACW Datasheet
167Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, White
More results

Similar Description - CSC1684

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com