Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM7204 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UM7204
Description  Average power dissipation to 10 W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM7204 Datasheet(HTML) 1 Page - Microsemi Corporation

  UM7204 Datasheet HTML 1Page - Microsemi Corporation UM7204 Datasheet HTML 2Page - Microsemi Corporation UM7204 Datasheet HTML 3Page - Microsemi Corporation UM7204 Datasheet HTML 4Page - Microsemi Corporation UM7204 Datasheet HTML 5Page - Microsemi Corporation UM7204 Datasheet HTML 6Page - Microsemi Corporation UM7204 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UM7000 / UM7100 / UM7200
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
1
TM
®
HIGH POWER PIN DIODES
RoHS Compliant Versions Available
IMPORTANT:
For the most current data, consult MICROSEMI’s website: www.MICROSEMI.com
Copyright
 2006
Rev.: 2009-01-19
KEY FEATURES
Voltage ratings to 1000V (UM7000)
Average power dissipation to 10 W
Series resistance as low as 0.25 Ω
Carrier lifetime greater than 2.5 µs
Low capacitance
Low conductance (High RP)
Compatible with automated
assembly
RoHS compliant packaging
Available
1
(Use UMX7202B, etc.)
1
The UM7000 series of products can be
supplied with a RoHS compliant finish
(UMX7000) or with a 90/10 Sn/Pb finish.
Stud Packages C/CR/D/DR are supplied
with a RoHS complaint Gold finish
Consult factory for details.
D E SCRI PTI ON
The UM7000 and UM7100 series offer moderately high power handling in
combination with reasonably low levels of both series resistance and
capacitance. The UM7200 series offers the lowest series resistance, but the
highest capacitance of the group. The differences in specified performance
for each of the series, results from different I-region thickness. The three
series have broad applicability in many RF and microwave switch and
attenuator circuits. Additionally, the UM7100 in leaded versions is usually the
most cost-effective diode choice in high volume usage.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Package
Conditions
(PD ) Power
Dissapation
(W)
( Θ )Thermal
Resistance
(
OC/W)
A
25
OC Pin Temperature
10
15V
B
5.5
27.5
E
½ in. total length to 25
OC
Contact Free Air
1.5
C
25
OC Stud Temperature
10
15
D
25
OC Stud Temperature
7.5
20
SM
25
OC End Cap Temperature
8
17
ALL
1 us pulse (Single)
100KW
60 kW
35 kW
20 kW
ALL
Storage Temperature (TOP)
-65
OC to + 175 OC
ALL
Operating Temperature (TOP)
-65
OC to + 175 OC
APPLICATIONS/BENEFITS
Isolated stud package available
Surface mount package available
Soldering temperature:
260
oC for 10 seconds
maximum


Similar Part No. - UM7204

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7204 MICROSEMI-UM7204 Datasheet
179Kb / 4P
PIN DIODE
UM7204 MICROSEMI-UM7204 Datasheet
335Kb / 7P
HIGH POWER PIN DIODES
UM7204 MICROSEMI-UM7204 Datasheet
322Kb / 7P
RoHS Compliant Versions Available
logo
Microchip Technology
UM7204A MICROCHIP-UM7204A Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
logo
Microsemi Corporation
UM7204B MICROSEMI-UM7204B Datasheet
322Kb / 7P
HIGH POWER PIN DIODES
More results

Similar Description - UM7204

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BZT03C6V2 LUGUANG-BZT03C6V2 Datasheet
233Kb / 4P
POWER DISSIPATION: 3.25 W
logo
First Components Intern...
1N4728 FCI-1N4728_1 Datasheet
977Kb / 3P
1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
logo
Ohmite Mfg. Co.
MRA OHMITE-MRA Datasheet
301Kb / 2P
Power dissipation up to 2W
logo
Shanghai Leiditech Elec...
SMAJ5913B LEIDITECH-SMAJ5913B Datasheet
329Kb / 2P
1.5 W Power Dissipation
SMAJ5914B LEIDITECH-SMAJ5914B Datasheet
329Kb / 2P
1.5 W Power Dissipation
SMAJ5915B LEIDITECH-SMAJ5915B Datasheet
329Kb / 2P
1.5 W Power Dissipation
SMAJ5916B LEIDITECH-SMAJ5916B Datasheet
329Kb / 2P
1.5 W Power Dissipation
SMAJ5917B LEIDITECH-SMAJ5917B Datasheet
329Kb / 2P
1.5 W Power Dissipation
SMAJ5918B LEIDITECH-SMAJ5918B Datasheet
329Kb / 2P
1.5 W Power Dissipation
logo
Analog Devices
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com