Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P459AM Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM78P459AM
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P459AM Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78P459AM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
EM78P458/459
OTP ROM
1 = The Vref of the ADC is connected to P53/VREF.
• CE (Bit 6): Control bit used to enable comparator.
0 = Disable comparator
1 = Enable comparator
• COE (Bit 5): Set P57 as the output of the comparator
0 = the comparator acts as an OP if CE=1.
1 = act as a comparator if CE=1.
• IMS2~IMS0 (Bit 4 ~ Bit 2): ADC configuration definition bit.
• CKR1 and CKR0 (Bit 1 and Bit 0): The conversion time select.
00 = Fosc/4;
01 = Fosc/16;
10 = Fsco/64;
11 = The oscillator clock source of ADC is from WDT ring oscillator frequency.
( frequency=256/18ms≒14.2Khz)
1.3 GCON/IOC90
As shown in Fig. 12, OP1 and OP2, the gain amplifiers, are located in the middle of the analog
input pins (ADC1 and ADC5) and the 8-1analog switch. The GCON register controls the gains.
Table 7 Table 7 Shows the Gains and the Operating Range of ADC.
BIT
7
6
5
4
3
2
1
0
SYMBOL
OP2E
OP1E
G22
G21
G20
G12
G11
G10
*Init_Value
0
0
0
0
0
0
0
0
Table 8 The Gains and the Operating Range of ADC
G10:G12/G20:G22
Gain
Range of Operating Voltage
000
1
0 ~ Vref
001
2
0 ~ (1/2)Vref
010
4
0 ~ (1/4)Vref
011
8
0 ~ (1/8)Vref
100
16
0 ~ (1/16)Vref
101
32
0 ~ (1/32)Vref
<Note> Vref can not be less than 3 volts.
2. ADC Data Register (ADDATA/RA)
When the A/D conversion is complete, the result is loaded to the ADDATA. The START/END bit is
clear, and the ADIF is set.
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com