Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P459AM Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM78P459AM
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P459AM Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM78P459AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
EM78P458/459
OTP ROM
• Bit 5 (TS) TCC signal source
0: internal instruction cycle clock. If P54 is used as I/O pin, TS must be 0.
1: transition on the TCC pin
• Bit 4 (TE) TCC signal edge
0: increment if the transition from low to high takes place on the TCC pin;
1: increment if the transition from high to low takes place on the TCC pin.
• Bit 3 (PAB) Prescaler assignment bit.
0: TCC;
1: WDT.
• Bit 2 (PSR2) ~ Bit 0 (PSR0) TCC/WDT prescaler bits.
PSR2
PSR1
PSR0
TCC Rate
WDT Rate
0
0
0
1:2
1:1
0
0
1
1:4
1:2
0
1
0
1:8
1:4
0
1
1
1:16
1:8
1
0
0
1:32
1:16
1
0
1
1:64
1:32
1
1
0
1:128
1:64
1
1
1
1:256
1:128
• CONT register is both readable and writable.
3. IOC50 ~ IOC60 (I/O Port Control Register)
• "1" puts the relative I/O pin into high impedance, while "0" defines the relative I/O pin as output.
• IOC50 and IOC60 registers are both readable and writable.
4. IOC90 (GCON: I/O Configuration & Control of ADC )
7
6
5
4
3
2
1
0
OP2E
OP1E
G22
G21
G20
G12
G11
G10
• Bit 7 ( OP2E ) Enable the gain amplifier which input is connected to P64 and output is connected to
the 8-1 analog switch.
0 = OP2 is off ( default value ), and bypasses the input signal to the ADC;
1 = OP2 is on.
• Bit 6 ( OP1E ) Enable the gain amplifier whose input is connected to P60 and output is connected to
the 8-1 analog switch.
0 = OP1 is off (default value), and bypasses the input signal to the ADC;
1 = OP1 is on.
• Bit 5:Bit 3 (G22 and G20): Select the gain of OP2.
000 = IS x 1 (default value);
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com