Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CML1207 Datasheet(PDF) 5 Page - Continental Device India Limited

Part # CML1207
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CML1207 Datasheet(HTML) 5 Page - Continental Device India Limited

  CML1207 Datasheet HTML 1Page - Continental Device India Limited CML1207 Datasheet HTML 2Page - Continental Device India Limited CML1207 Datasheet HTML 3Page - Continental Device India Limited CML1207 Datasheet HTML 4Page - Continental Device India Limited CML1207 Datasheet HTML 5Page - Continental Device India Limited CML1207 Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight
Qty
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
Bulk
5,000
5K
19 x 19 x 8
1.2
80K
43 x 38 x 34
30.0
T & A
2, 000
2K
35 x 4.5 x 20
0.72
40K
44 x 38 x 34
16.0
Bulk: Lose in Poly bags
T & A: Tube and Ammo Pack
CML1207Rev020106E
TO-92L
All Dimensions are in mm
Inner Carton
Outer Carton
Packing Slip (PM) and inner carton boxes of all RoHS Compliant Semiconductor
Devices carry a ‘ T ’
mark in green colour.
The marking on the CDIL’s RoHS Compliant Devices will be as specified below:
Documentation – Standard CDIL part numbers will be prefixed with ‘ T ’ and
specified on the
Invoice and Shipping Documents.
Physical Marking - The marking on these Devices shall also carry the ‘T’ mark,
generally as a prefix.
However, in case of physical space constraint on the
package, ‘T’ mark may be put as a
suffix or in the next line.
RoHS Compliant Device Part Numbers and Marking on CDIL Devices and Packaging
Continental Device India Limited
Data Sheet
Page 5 of 6
CML1207
TO-92L
Plastic Package



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com