Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CML1207 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CML1207
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CML1207 Datasheet(HTML) 1 Page - Continental Device India Limited

  CML1207 Datasheet HTML 1Page - Continental Device India Limited CML1207 Datasheet HTML 2Page - Continental Device India Limited CML1207 Datasheet HTML 3Page - Continental Device India Limited CML1207 Datasheet HTML 4Page - Continental Device India Limited CML1207 Datasheet HTML 5Page - Continental Device India Limited CML1207 Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CML1207
TO-92L
Plastic Package
Power Amplifier and Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
A
Emitter Current
IE
A
Collector Power Dissipation @ Ta=25ºC
PC
W
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=50V, IE=0
0.1
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
0.1
µA
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
50
V
Emitter Base Voltage
VEBO
IE=1mA, IC=0
5.0
V
DC Current Gain
hFE
*IC=0.5A, VCE=2V
60
240
IC=1A, VCE=2V
20
Collector Emitter Saturation Voltage
VCE (sat)
IC=500mA, IB=50mA
0.4
V
IC=1A, IB=100mA
0.6
V
Base Emitter Saturation Voltage
VBE (sat)
IC=1A, IB=100mA
1.2
V
Transition Frequency
fT
IC=100mA, VCE=2V
100
MHz
Output Capacitance
Cob
IE=0, VCB=10V, f=1MHz
4.0
pF
Switching Time
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Turn On Time
ton
0.1
µs
Turn Off Time
toff
1.1
µs
*hFE Classification
CML1207Rev020106E
VALUE
50
O 60 - 140,
Y 120 - 240
50
5.0
1.0
VCC=30V, IB1= -IB2=50mA,
Duty Cycle < 1%
1.0
1.0
- 55 to +150
150
Continental Device India Limited
Data Sheet
Page 1 of 6
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CML1207

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CML1206 SEI-CML1206 Datasheet
671Kb / 23P
Multilayer Ceramic Chip Capacitor
5/27/2021
CML1206C0G0R1BT100V SEI-CML1206C0G0R1BT100V Datasheet
671Kb / 23P
Multilayer Ceramic Chip Capacitor
5/27/2021
CML1206C0G0R1BT50V SEI-CML1206C0G0R1BT50V Datasheet
671Kb / 23P
Multilayer Ceramic Chip Capacitor
5/27/2021
CML1206C0G0R1CT100V SEI-CML1206C0G0R1CT100V Datasheet
671Kb / 23P
Multilayer Ceramic Chip Capacitor
5/27/2021
CML1206C0G0R1CT50V SEI-CML1206C0G0R1CT50V Datasheet
671Kb / 23P
Multilayer Ceramic Chip Capacitor
5/27/2021
More results

Similar Description - CML1207

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com