Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG60IM300PC Datasheet(PDF) 2 Page - IXYS Corporation

Part # DPG60IM300PC
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG60IM300PC Datasheet(HTML) 2 Page - IXYS Corporation

  DPG60IM300PC Datasheet HTML 1Page - IXYS Corporation DPG60IM300PC Datasheet HTML 2Page - IXYS Corporation DPG60IM300PC Datasheet HTML 3Page - IXYS Corporation DPG60IM300PC Datasheet HTML 4Page - IXYS Corporation DPG60IM300PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DPG60IM300PC
ns
3.5
A
T
VJ =°C
reverse recovery time
A
9
35
65
ns
I
RM
max. reverse recovery current
IF =A;
60
25
T= 125°C
VJ
-diF
=A/µs
200
/dt
t
rr
VR =V
200
TVJ =°C
25
T= 125°C
VJ
V
=
V
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.43
R
0.45 K/W
R
min.
60
VRSM
V
1
T
= 25°C
VJ
T
=
°C
VJ
mA
0.35
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
135
P
tot
335
W
T
= 25°C
C
R
K/W
60
300
max. non-repetitive reverse blocking voltage
reverse current, drain current
forward voltage drop
total power dissipation
Conditions
Unit
1.78
T
= 25°C
VJ
150
V
F0
V
0.69
T
=
°C
VJ
175
rF
6.4
mΩ
V
1.14
T
=
°C
VJ
I =
A
F
V
60
1.53
I =
A
F
120
I =
A
F
120
threshold voltage
slope resistance
for power loss calculation only
µA
150
VRRM
V
300
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
80
junction capacitance
V =
V
150
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine;
T
= 45°C
VJ
max. forward surge current
V = 0 V
R
T
=
°C
VJ
175
550
A
300
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Fast Diode
300
0.25
IXYS reserves the right to change limits, conditions and dimensions.
20131125a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com