Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG60IM300PC Datasheet(PDF) 3 Page - IXYS Corporation

Part # DPG60IM300PC
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG60IM300PC Datasheet(HTML) 3 Page - IXYS Corporation

  DPG60IM300PC Datasheet HTML 1Page - IXYS Corporation DPG60IM300PC Datasheet HTML 2Page - IXYS Corporation DPG60IM300PC Datasheet HTML 3Page - IXYS Corporation DPG60IM300PC Datasheet HTML 4Page - IXYS Corporation DPG60IM300PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DPG60IM300PC
1) I
RMS is typically limited by the pin-to-chip resistance (1); or by the current capability of the chip (2). In case of (1) and a product
with multiple pins for one chip-potential, the current capability can be increased by connecting the pins as one contact.
Ratings
Product Marking
Date Code
Part No.
Logo
Assembly Code
XXXXXXXXX
IXYS Zyyww
000000
Assembly Line
D
P
G
60
IM
300
PC
Part number
Diode
HiPerFRED
extreme fast
Single Diode
TO-263AB (D2Pak) (2)
=
=
=
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
Package
Top
°C
T
VJ
°C
175
virtual junction temperature
-55
Weight
g
2
Symbol
Definition
typ.
max.
min.
Conditions
operation temperature
Unit
F
C
N
60
mounting force with clip
20
I
RMS
RMS current
35
A
per terminal
150
-55
TO-263 (D2Pak)
Similar Part
Package
Voltage class
DPG60I300HA
TO-247AD (2)
300
Delivery Mode
Quantity
Code No.
Part Number
Marking on Product
Ordering
1)
DPG60IM300PC
502404
Tape & Reel
800
DPG60IM300PC
Standard
T
stg
°C
150
storage temperature
-55
threshold voltage
V
0.69
mΩ
V0 max
R0 max
slope resistance *
3.2
Equivalent Circuits for Simulation
T
=
VJ
I
V0
R0
Fast
Diode
175 °C
* on die level
IXYS reserves the right to change limits, conditions and dimensions.
20131125a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com