Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP151 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TIP151
Description  NPN SILICON POWER DARLINGTONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP151 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TIP151 Datasheet HTML 1Page - Bourns Electronic Solutions TIP151 Datasheet HTML 2Page - Bourns Electronic Solutions TIP151 Datasheet HTML 3Page - Bourns Electronic Solutions TIP151 Datasheet HTML 4Page - Bourns Electronic Solutions TIP151 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TIP150, TIP151, TIP152
NPN SILICON POWER DARLINGTONS
P RO D UCT
INFORMA TION
1
JUNE 1973 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
● 80 W at 25°C Case Temperature
● 7 A Continuous Collector Current
● 10 A Peak Collector Current
● Maximum VCE(sat) of 2 V at IC = 5 A
● ICEX(sus) 7 A at rated V(BR)CEO
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 5 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.64 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIP150
TIP151
TIP152
VCBO
300
350
400
V
Collector-emitter voltage (IB = 0)
TIP150
TIP151
TIP152
VCEO
300
350
400
V
Emitter-base voltage
VEBO
8V
Continuous collector current
IC
7A
Peak collector current (see Note 1)
ICM
10
A
Continuous base current
IB
1.5
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
80
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
This series is obsolete and
not recommended for new designs.
OBSOLET
E


Similar Part No. - TIP151

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP151 MOSPEC-TIP151 Datasheet
136Kb / 3P
POWER TRANSISTORS(7A,300-400V,80W)
logo
Power Innovations Ltd
TIP151 POINN-TIP151 Datasheet
188Kb / 7P
NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIP151 TRSYS-TIP151 Datasheet
878Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
TIP151 SAVANTIC-TIP151 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP151 ISC-TIP151 Datasheet
135Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - TIP151

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
NPN SILICON POWER DARLINGTONS
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
NPN SILICON POWER DARLINGTONS
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
NPN SILICON POWER DARLINGTONS
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com