Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP151 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TIP151
Description  NPN SILICON POWER DARLINGTONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP151 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TIP151 Datasheet HTML 1Page - Bourns Electronic Solutions TIP151 Datasheet HTML 2Page - Bourns Electronic Solutions TIP151 Datasheet HTML 3Page - Bourns Electronic Solutions TIP151 Datasheet HTML 4Page - Bourns Electronic Solutions TIP151 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TIP150, TIP151, TIP152
NPN SILICON POWER DARLINGTONS
3
P RO D UCT
INFORMA TION
JUNE 1973 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
PARAMETER MEASUREMENT INFORMATION
Figure 1. Functional Test Circuit
Figure 2. Functional Test Waveforms
Figure 3. Switching Test Circuit
Driver and
Current
Limiting
Circuit
0.22
µF
V z
24 V
L = 7 mH
100
Ω
0.2
Ω
TUT
Vclamp
Collector
Emitter
Voltage
16.6 ms
11.6 ms
0
0
0
0
Input
Signal
Base
Current
Collector
Current
24 V
IB
IC
40 V
12 V
0.056
Ω
IRF140
1 k
Ω
47
Ω
TUT
BY205-600
7 mH
Vclamp
Adjust for
I B
= 10 V
V in
OBSOLET
E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com