Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL22 Datasheet(PDF) 4 Page - 3M Electronics

Part # TL22
Description  Threadlocker Anaerobic Adhesives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TL22 Datasheet(HTML) 4 Page - 3M Electronics

  TL22 Datasheet HTML 1Page - 3M Electronics TL22 Datasheet HTML 2Page - 3M Electronics TL22 Datasheet HTML 3Page - 3M Electronics TL22 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3M™ Scotch-Weld™
Threadlocker Anaerobic Adhesives
TL22 • TL42 • TL43 • TL62 • TL71 • TL72 • TL77 • TL90
- 4 -
Storage
Store product in cool, dry area out of direct sunlight.
Military Specification
S-46163A
3M™ Scotch-Weld™ Threadlocker Anaerobic Adhesives TL22, TL42, TL62,
TL71, TL72, TL77, and TL90 have been tested and passed the requirements of
MIL-S-46163A.
Shelf Life
3M™ Scotch-Weld™ Threadlocker Anaerobic Adhesives have a shelf life of twelve
months when stored at 60° to 80°F (16° to 27°C) in the original unopened container.
Refer to Product Label and Material Safety Data Sheet for health and safety information before using this
product. For additional health and safety information, call 1-800-364-3577 or (651) 737-6501.
Precautionary
Information
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of such
information is not guaranteed.
Technical Information
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product
literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time
3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR
IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY
OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE.
If the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s
option, replacement of the 3M product or refund of the purchase price.
Warranty,
Limited Remedy,
and Disclaimer
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product,
whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted,
including warranty, contract, negligence or strict liability.
Limitation of Liability
This product was manufactured under a quality system registered to ISO 9001: 2000 standards.
ISO 9001: 2000
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use
and performance of a 3M product in a particular application. Given the variety of factors that can affect
the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and
determining whether it is fit for a particular purpose and suitable for user’s method of application.
Product Use
3M and Scotch-Weld are trademarks of
3M Company.
Kovar is a registered trademark of Carpenter
Tech Corp.
Monel is a registered trademark of Special
Metals Corporation.
Inconel is a registered trademark of INCO.
Printed in U.S.A.
©3M 2010
78-9236-7148-7
(3/10)
Recycled Paper
40% pre-consumer
10% post-consumer
3
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/industrial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com