Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL22 Datasheet(PDF) 3 Page - 3M Electronics

Part # TL22
Description  Threadlocker Anaerobic Adhesives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TL22 Datasheet(HTML) 3 Page - 3M Electronics

  TL22 Datasheet HTML 1Page - 3M Electronics TL22 Datasheet HTML 2Page - 3M Electronics TL22 Datasheet HTML 3Page - 3M Electronics TL22 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Scotch-Weld™
Threadlocker Anaerobic Adhesives
TL22 • TL42 • TL43 • TL62 • TL71 • TL72 • TL77 • TL90
- 3 -
Directions for Use
3M™ Scotch-Weld™ Threadlocker Anaerobic Adhesives are not recommended for
use on most plastics due to potential cracking of plastic parts. Also, they are not
recommended for use in piping systems that contain pure oxygen or an oxygen-rich
environment, chlorine, or strong oxidizing substances.
For Assembly
1. Ensure parts are clean, dry and free from oil, grease and dirt. For best results,
clean and dry parts with solvent or 3M™ Scotch-Weld™ Activator. (Activator
can also be used on inactive surfaces or to accelerate the cure on active
surfaces.)
2. If not sure of surface type, always use activator. Refer to Material Surface
Activity and Cure Speed section for more information.
3. Shake the adhesive bottle well before use.
4. Avoid touching the metal surfaces with the bottle tip since the metal ions may
react with the adhesive upon contact and eventually may clog the bottle tip.
5. Apply adhesive onto the threaded part where the contact area will be in the final
assembly. For larger parts, use more adhesive and rotate the threaded part to
spread adhesive evenly around contact area.
6. For through holes, apply several drops of adhesive onto the bolt at the nut
engagement area. For blind holes, apply several drops of the adhesive down the
internal threads to the bottom of the hole.
7. Assemble the nut/fastener and tighten as required.
8. Allow assemblies to set for sufficient time so that handling strength or full cure
will occur before further processing or testing.
For Disassembly
1. Loosen or remove with regular hand tools.
2. If hand tools do not work due to the assembled parts being well tightened, apply
localized heat (approximately 490°F) to the nut or bolt and disassemble while
parts are still hot. Use extreme caution when working with heat sources (e.g. heat
gun, flames, etc.
Handling Information
Active (Fast)
Inactive (Slow)
Material Surface
Activity and Cure
Speed
• Brass
• Bronze
• Commercial aluminum
• Copper
• Iron
•Kovar
®
• Manganese
• Monel
®
• Nickel
• Anodized aluminum
• Cadmium
• Chemical black oxide
• Galvanized steel
• Gold
• Inconel
®
• Magnesium
• Magnetite steel
• Plated parts
• Pure aluminum
• Silver
• Stainless steel
•Zinc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com