Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL3771/1SOS Datasheet(PDF) 7 Page - Ericsson

Part # PBL3771/1SOS
Description  Precision Stepper Motor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3771/1SOS Datasheet(HTML) 7 Page - Ericsson

  PBL3771/1SOS Datasheet HTML 1Page - Ericsson PBL3771/1SOS Datasheet HTML 2Page - Ericsson PBL3771/1SOS Datasheet HTML 3Page - Ericsson PBL3771/1SOS Datasheet HTML 4Page - Ericsson PBL3771/1SOS Datasheet HTML 5Page - Ericsson PBL3771/1SOS Datasheet HTML 6Page - Ericsson PBL3771/1SOS Datasheet HTML 7Page - Ericsson PBL3771/1SOS Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PBL 3771/1
7
PD (W)
0
.10
.20
.30
.40
.50
.60
IM (A)
0
1.0
2.0
3.0
VMM = 14V
VMM = 36V
General
Phase inputs. A logic HIGH on a Phase
input gives positive current flowing out
from M
A into MB. A logic LOW gives a
current in the opposite direction.
Slow/fast current decay. A logic HIGH
on the CD input gives slow current
decay, a logic LOW gives fast current
decay.
Heat sinking. Soldering the four center
pins onto a free PCB copper area of 20
cm2 (approx. 1.8" x 1.8", copper foil
thickness = 35
µm) permits the circuit to
operate with a maximum of 320 mA
output current, both channels driving, at
ambient temperatures up to +70
°C.
Consult figures 12 and 13 in order to
determine the necessary copper area for
heat sinking if higher currents are
required.
Thermal shutdown. The circuit is
equipped with a thermal shutdown
function that reduces the output current
at chip temperatures above +160
°C.
Operating temperature. The max re-
commended operating temperature is
125
°C. This gives an estimated lifelength
of about 5 years at continous drive, A
change of
±10° would increase/decrease
the lifelength of the circuit with about 5
years.
Vd (V)
0
.10
.20
.30
.40
.50
.60
IM (A)
0
.2
.4
.6
.8
1.0
Tj = 25°C
Tj = 125°C
Tj = 25°C
Tj = 125°C
VCE Sat (V)
0
.10
.20
.30
.40
.50
.60
I M (A)
.2
.4
.6
.8
1.0
1.2
Figure 9. Typical source saturation
voltage vs. output current.
Figure 8. Typical upper diode voltage
drop vs. recirculating current.
Figure 10. Typical lower diode voltage
drop vs. recirculating current.
Figure 11 Typical sink saturation voltage
vs. output current.
Vd (V)
0
.10
.20
.30
.40
.50
.60
I M (A)
0
.2
.4
.6
.8
1.0
Tj = 25°C
Tj = 125°C
.2
.4
.6
.8
1.0
VCE Sat (V)
0
.10
.20
.30
.40
.50
.60
I M (A)
Tj = 25°C
Tj = 125°C
Figure 12. Power dissipation vs. motor current, both channels driven, T
a = 25°C.
Max allow power dis



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com