Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL3771/1SOS Datasheet(PDF) 1 Page - Ericsson

Part # PBL3771/1SOS
Description  Precision Stepper Motor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3771/1SOS Datasheet(HTML) 1 Page - Ericsson

  PBL3771/1SOS Datasheet HTML 1Page - Ericsson PBL3771/1SOS Datasheet HTML 2Page - Ericsson PBL3771/1SOS Datasheet HTML 3Page - Ericsson PBL3771/1SOS Datasheet HTML 4Page - Ericsson PBL3771/1SOS Datasheet HTML 5Page - Ericsson PBL3771/1SOS Datasheet HTML 6Page - Ericsson PBL3771/1SOS Datasheet HTML 7Page - Ericsson PBL3771/1SOS Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 1999
Description
The PBL 3771/1 is a switch-mode, constant-current driver IC (chopper) with two
channels, one for each winding of a two-phase stepper motor. The circuit is especially
developed for use in microstepping applications in conjunction with the matching dual
DAC (Digital-to-Analog Converter) PBM 3960. A complete driver system consists of
these two ICs, a few passive components and a microprocessor for generation of the
proper control and data codes required for microstepping.
The PBL 3771/1 contains a clock oscillator, which is common for both driver
channels; a set of comparators and flip-flops implementing the switching control; and
two H-bridges with internal recirculation diodes. Voltage supply requirements are +5 V
for logic and +10 to +45 V for the motor. Maximum output current is 650 mA per
channel.
A special logic function is used to select slow or fast current decay in the output
stage for improved high-speed microstepping.
The close match between the two driver channels guarantees consistent output
current ratios and motor positioning accuracy.
PBL 3771/1
Precision Stepper Motor Driver
Figure 1. Block diagram.
28-pin PLCC package
22-pin plastic DIP package
24-pin SO package
Key Features
•
Dual chopper driver in a single
package.
•
650 mA output current per channel.
•
Close matching between channels for
high microstepping accuracy.
•
Selectable slow/fast current decay for
improved high-speed microstepping.
•
Improved low-level linearity.
•
Specially matched to Dual DAC
PBM 3960.
•
Selection of packages, 22-pin
“batwing” DIP, 24 pin "batwing" SOIC
or 28-lead PLCC with lead-frame for
heat-sinking through PC board
copper.
RC
PBL 3771/1
VMM1
VMM2
M A1
M B1
M
B2
M
A2
GND
C2
V
R2
CD
2
Phase 2
V
CC
C 1
VR1
CD1
Phase 1
E 1
E 2
V
CC
S
R
Q
+
–
+
–
Logic
S
R
Q
+
–
+
–
Logic
+
–
1


Similar Part No. - PBL3771/1SOS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3770A ERICSSON-PBL3770A Datasheet
140Kb / 8P
High Performance Stepper Motor Drive Circuit
PBL3770ANS ERICSSON-PBL3770ANS Datasheet
140Kb / 8P
High Performance Stepper Motor Drive Circuit
PBL3770AQNS ERICSSON-PBL3770AQNS Datasheet
140Kb / 8P
High Performance Stepper Motor Drive Circuit
PBL3770AQNT ERICSSON-PBL3770AQNT Datasheet
140Kb / 8P
High Performance Stepper Motor Drive Circuit
PBL3770ASOS ERICSSON-PBL3770ASOS Datasheet
140Kb / 8P
High Performance Stepper Motor Drive Circuit
More results

Similar Description - PBL3771/1SOS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com