Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJD204R Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CJD204R
Description  PNP SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD204R Datasheet(HTML) 2 Page - Continental Device India Limited

  CJD204R Datasheet HTML 1Page - Continental Device India Limited CJD204R Datasheet HTML 2Page - Continental Device India Limited CJD204R Datasheet HTML 3Page - Continental Device India Limited CJD204R Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP SILICON POWER TRANSISTOR
CJD204R
TO-251
Pin Configurations:-
I PAK Plastic Package
Pin 1 :- Emitter
Pin 2 :- Collector
Pin 3 :- Base
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Switching Times
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNITS
Turn on time
ton
1.0
µs
Turn off time
toff
2.0
µs
CJD204R Rev300410E
-ICon=2A, -IBon = IBoff = 0.2A
MIN
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com