Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJD204R Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJD204R
Description  PNP SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD204R Datasheet(HTML) 1 Page - Continental Device India Limited

  CJD204R Datasheet HTML 1Page - Continental Device India Limited CJD204R Datasheet HTML 2Page - Continental Device India Limited CJD204R Datasheet HTML 3Page - Continental Device India Limited CJD204R Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON POWER TRANSISTOR
CJD204R
Pin Configurations:-
TO-251
Pin 1 :- Emitter
I PAK Plastic Package
Pin 2 :- Collector
Pin 3 :- Base
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
UNITS
Collector Base Voltage
V
Collector Emitter Voltage
V
Emitter Base Voltage
V
Collector Current (DC)
A
Collector Current (Peak Value tp=10ms)
A
Collector Current (Non Repetitive Peak
Value tp=2ms)
A
Base Current
A
Total Device Dissipation at Tmb=25 ºC
W
Operating and Storage Junction
Temperature Range
ºC
THERMAL CHARACTERISTICS
Junction to Mounting Base
K/W
Junction to Ambient in free air
K/W
ELECTRICAL CHARACTERISTICS (Ta=25 ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNITS
Collector Cut Off Current
ICEO
VCE=30V, IB = 0
0.2
mA
Collector Cut Off Current
ICBO
VCB=40V, IE = 0, Tj=150 ºC
1.0
mA
Emitter Cut Off Current
IEBO
VEB=5V, IC = 0
0.5
mA
Collector Emitter Voltage
VCEO
IC=0.2A, IB=0
V
Base Emitter On Voltage
*VBE (on)
IC=3A, VCE=2V
1.5
V
Collector Emitter Saturation Voltage
*VCE (sat)
IC=3A, IB=0.3A
1.0
V
IC=6A, IB=0.6A
1.5
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=6A, IB=0.6A
2.0
V
DC Current Gain
*hFE
IC=2A, VCE=2V
Cut Off Frequency
f hfe
IC=0.3A, VCE=3V
kHZ
Transition Frequency
fT
IC=0.3A, VCE=3V, f=1MHZ
MHz
Forward Bias Second Breakdown
Collector Current
ISB
VCE=40V, tp=0.1s
A
*Pulse test : Pulse Width < 300
µµs, Duty Cycle < 2%
CJD204R Rev300410E
SYMBOL
VCBO
VALUE
MIN
60
60
5
8
60
- 65 to +150
Pth (j-mb)
2.08
70
Pth (j-a)
7.0
1.5
VCEO
VEBO
IC
Tj, Tstg
Ptot
30
25
60
ICM
ICSM
IB
12
25
3
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJD204R

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD200 CENTRAL-CJD200 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD200 CENTRAL-CJD200_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - CJD204R

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com