Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIL9359 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CIL9359
Description  PNP SILICON EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL9359 Datasheet(HTML) 2 Page - Continental Device India Limited

  CIL9359 Datasheet HTML 1Page - Continental Device India Limited CIL9359 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Disclaimer
TO-237 Plastic Package
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited
for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as
to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web
Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete
information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product;
neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life
saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor
Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own
risk and CDIL will not be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119
email@cdil.com
www.cdilsemi.com
3 2
1
G
3 2 1
F
B
D
D
SEC AA
A A
32 1
D IM
M IN.
M AX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F—
5.40
G
1.14
1.40
H—
2.54
K
12.70
—
L5 D EG
J
1.14
1.53
LL
1. BASE
2. COLLECTOR
3. EM ITTER
PIN CONFIGURATION
TO-237 Bulk
TO-237 T&A
1K/polybag
2K/ammo box
240 gm/1K pcs
725 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5.0K
2.0K
17" x 15" x 13.5"
17" x 15" x 13.5"
80.0K
32.0K
26.2 kgs
13.8 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com