Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIL9359 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CIL9359
Description  PNP SILICON EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL9359 Datasheet(HTML) 1 Page - Continental Device India Limited

  CIL9359 Datasheet HTML 1Page - Continental Device India Limited CIL9359 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP SILICON EPITAXIAL TRANSISTOR
CIL9359
TO-237
BCE
PNP Vertical Retrace Switching Transistor
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
40
V
Collector -Emitter Voltage
VCEO
40
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC
2.0
A
Peak
IC
3.0
A
Power Dissipation
PD
900
mW
Junction Temperature Range
TJ
-65 to +150
deg C
Lead Soldering, 1/16" from body ,10sec
TL
280
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO*
IC=10mA, IB=0
40
-
-
V
Emitter Base Voltage
VEBO
IE=10uA, IC=0
5.0
-
-
V
Collector Cut off Current
ICBO
VCB=40V, IE=0
-
-
50
nA
Emitter Cut off Current
IEBO
VEB=4V, IC=0
-
-
100
nA
DC Current Gain
hFE
IC=10mA,VCE=10V
100
-
400
IC=1.5A,VCE=10V*
40
-
-
Collector Emitter Saturation Voltage
VCE(Sat) * IC=1A,IB=100mA
-
-
1.0
V
Forward Emitter on Base Voltage
VEB(F) *
IC=1A, VCE=1V
-
-
1.2
V
Switching Time
Turn on Time
ton
VCC=30V,VEB(off)=
-
-
150
ns
3.8V, IC=500mA, IB1=
50mA
Turn off Time
toff
VCC=30V, IC=500mA
-
-
800
ns
IB1=1B2=50mA
*Pulse Test : Pulse Width =300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CIL9359

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CIL9263 CDIL-CIL9263 Datasheet
228Kb / 2P
NPN SILICON EPITAXIAL TRANSISTOR
CIL928A CDIL-CIL928A Datasheet
106Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CIL9359

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com