Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIL2229 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CIL2229
Description  NPN SILICON HIGH VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL2229 Datasheet(HTML) 2 Page - Continental Device India Limited

  CIL2229 Datasheet HTML 1Page - Continental Device India Limited CIL2229 Datasheet HTML 2Page - Continental Device India Limited CIL2229 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CIL 2229
TO-237
Plastic Package
TO-237 Plastic Package
TO-237 Bulk
TO-237 T&A
1K/polybag
2K/ammo box
240 gm/1K pcs
725 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5K
2K
17" x 15" x 13.5"
17" x 15" x 13.5"
80K
32K
26.2 kgs
13.8 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
DIM
MIN.
MAX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F
—
5.40
G
1.14
1.40
H
—
2.54
K
12.70
—
L5 DEG
J
1.14
1.53
1. BASE
2. COLLECTOR
3. EMITTER
PIN CONFIGURATION
3 2
1
G
3 2 1
F
B
D
D
SEC AA
A A
3
2
1
LL
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com