Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIL2229 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CIL2229
Description  NPN SILICON HIGH VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL2229 Datasheet(HTML) 1 Page - Continental Device India Limited

  CIL2229 Datasheet HTML 1Page - Continental Device India Limited CIL2229 Datasheet HTML 2Page - Continental Device India Limited CIL2229 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON HIGH VOLTAGE TRANSISTOR
CIL 2229
TO-237
Plastic Package
Black and Whit TV Video Output Amplifier, High Voltage Switching and Audio
Amplifier Driver Stage Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
200
V
Collector -Emitter Voltage
VCEO
150
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
50
mA
Emittefr Current
IE
50
mA
Power Dissipation
PD
750
mW
Operating and Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
UNIT
Collector Emitter Breakdown Voltage
BVCEO
IC=1mA, IB=0
>150
V
Collector Cut off Current
ICBO
VCB=200V, IE=0
<0.1
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
<0.1
µA
DC Current Gain
hFE
IC=10mA,VCE=5V
70-240
Collector Emitter Saturation Voltage
VCE(sat)
IC=10mA,IB=1mA
<0.5
V
Collector Base Saturation Voltage
VBE (sat)
IC=10mA,IB=1mA
<1
V
DYNAMIC CHARACTERISTICS
SYMBOL TEST CONDITION
UNIT
MIN
TYP
MAX
Transition Frequency
fT
VCE=30V, IC=10mA,
120
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0,
3.5
5
pF
f=1MHz
CLASSIFICATION
O
Y
hFE
70-140
120-240
VALUE
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CIL2229

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CIL2230 CDIL-CIL2230 Datasheet
199Kb / 3P
NPN SILICONHIGH VOLTAGE TRANSISTOR
CIL2230A CDIL-CIL2230A Datasheet
199Kb / 3P
NPN SILICONHIGH VOLTAGE TRANSISTOR
More results

Similar Description - CIL2229

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CSC2229Y CDIL-CSC2229Y Datasheet
88Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
NPN Silicon High Voltage Transistor
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
NPN Silicon High Voltage Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com