Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTFD19B Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # UTFD19B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD19B Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button UTFD19B Datasheet HTML 15Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 16Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 17Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 18Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 19Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 20Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 21Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 22Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19
UTG Series
Fibre optic contacts
Size 16 Fibre optic contacts for TRIM TRIO® connectors
Size 16 Fibre optic contacts are optical contacts designed for the integration of optical links in all TRIM TRIO® cable connectors.
The Fibre optic contacts are designed to accommodate:
• Plastic Optical Fibre (POF)
1 mm core and 2.2 mm jacket
• Plastic Clad Fibre (PCF)
230µm core and 2.2 mm jacket
Typical features and benefits are:
• Socket contact is spring loaded to avoid any air gap between the two optical faces.
• Low insertion loss is provided by high precision pieces.
• Single jumpers, multiway harness and active device housings can be supplied regarding customer requirement.
Performance
• Fibre type: ................................................................................................................................POF
• Wave length:........................................................................................................................650 nm
• Optical insertion loss (typ.): ..........................................................................................2 dB max.
• Jacketed external diameter:............................................................................................2.2mm
• Temperature range:....................................................................................................-25°C to +70°C
• Cable retention:..................................................................................................................... 49N
• Mating cycles without cleaning:.........................................................................................50
• Max. mating cycles:...............................................................................................................500
Construction
• Contact body: Copper alloy
Connector accommodation
Any TRIM TRIO® size 16 contact can be used in any contact position in any connector in the TRIM TRIO® size 16 interconnection system :
UTP, UTS, UTG, UTO.
Description
Technical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com