Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTFD19B Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # UTFD19B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD19B Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button UTFD19B Datasheet HTML 24Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 25Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 26Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 27Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 28Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 29Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 30Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 31Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
28
UTG Series
Glossary of terms
• Clearance
Per the IEC 60664-1 it is the shortest
distance between two conductive parts
even over the air.
• Creepage distance
Per the IEC 60664-1 it represents the
shortest distance along the surface
of the insulating material between two
conductive parts.
• Working voltage
Per the IEC 60664-1 it is the highest r.m.s. value of A.C. or D.C.
voltage across any particular insulation which can occur when the
equipment is supplied at rated voltage.
• Rated impulse voltage
Impulse withstands voltage value assigned by the manufacturer to
the equipment or to a part of it characterizing the specified withs-
tand capability of its insulation against transient overvoltage.
• Working current
It is the maximum continuous and not interrupted current able
to be carried by all contacts without exceeding the maximum
temperature of the insulating material.
• Transient voltage
Extract from the IEC 60664-1: Short duration overvoltage of
a few millisecond or less, oscillatory or non-oscillatory, usually
highly damped.
• CTI (Comparative Tracking Index)
The CTI value is commonly used to characterize the electrical
breakdown properties of an insulating material. It allows users
to know the tendency to create creepage paths. This value
represents the maximum voltage after 50 drops of ammonium
chloride solution without any breakdown.
• RTI (Relative temperature Index):
Extract from ULs website:
“Maximum service temperature for a material, where a class of
critical property will not be unacceptably compromised through
chemical thermal degradation, over the reasonable life of an
electrical product, relative to a reference material having a
confirmed, acceptable corresponding performance defined RTI.
- RTI Elec: Electrical RTI, associated with critical electrical
insulating properties.
- RTI Mech Imp: Mechanical Impact RTI, associated with
critical impact resistance, resilience and flexibility
properties.
- RTI Mech Str: Mechanical Strength (Mechanical
without
Impact)
RTI,
associated
with
critical
mechanical
strength
where
impact
resistance,
resilience and flexibility are not essential”
Air gap
Creepage distance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com