Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECO2 Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # PECO2
Description  PECO-SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PECO2 Datasheet(HTML) 3 Page - PEAK electronics GmbH

  PECO2_14 Datasheet HTML 1Page - PEAK electronics GmbH PECO2_14 Datasheet HTML 2Page - PEAK electronics GmbH PECO2_14 Datasheet HTML 3Page - PEAK electronics GmbH PECO2_14 Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PECO-Series – PECO2-x-xxxxE/Z2:1(H35)(M)LF – Single/Dual Output – DIP24 – Plastic/Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/4
Selection Guide
Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC
)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
ren
t Mi
n. L
oad
(mA
)
Out
put
Cur
ren
t Fu
ll Lo
ad (
mA
)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
)²
DUAL OUTPUT - standard (1.5kV, plastic case)
PECO2-x-0505Z2:1LF
4.5-9
40
588
± 5
± 50
± 200
68
± 1000
PECO2-x-0509Z2:1LF
4.5-9
40
571
± 9
± 27.8
± 111
70
± 220
PECO2-x-0512Z2:1LF
4.5-9
40
571
± 12
± 20.8
± 83
70
± 220
PECO2-x-0515Z2:1LF
4.5-9
40
571
± 15
± 16.8
± 67
70
± 220
PECO2-x-0524Z2:1LF
4.5-9
40
579
± 24
± 10.5
± 42
69
± 100
PECO2-x-1205Z2:1LF
9-18
20
225
± 5
± 50
± 200
74
± 1000
PECO2-x-1209Z2:1LF
9-18
20
225
± 9
± 27.8
± 111
74
± 220
PECO2-x-1212Z2:1LF
9-18
20
219
± 12
± 20.8
± 83
76
± 220
PECO2-x-1215Z2:1LF
9-18
20
216
± 15
± 16.8
± 67
77
± 220
PECO2-x-1224Z2:1LF
9-18
20
219
± 24
± 10.5
± 42
76
± 100
PECO2-x-2405Z2:1LF
18-36
12
111
± 5
± 50
± 200
75
± 1000
PECO2-x-2409Z2:1LF
18-36
12
111
± 9
± 27.8
± 111
75
± 220
PECO2-x-2412Z2:1LF
18-36
12
105
± 12
± 20.8
± 83
79
± 220
PECO2-x-2415Z2:1LF
18-36
12
105
± 15
± 16.8
± 67
79
± 220
PECO2-x-2424Z2:1LF
18-36
12
106
± 24
± 10.5
± 42
78
± 100
PECO2-x-4805Z2:1LF
36-72
8
56
± 5
± 50
± 200
74
± 1000
PECO2-x-4809Z2:1LF
36-72
8
55.5
± 9
± 27.8
± 111
75
± 220
PECO2-x-4812Z2:1LF
36-72
8
53
± 12
± 20.8
± 83
78
± 220
PECO2-x-4815Z2:1LF
36-72
8
53
± 15
± 16.8
± 67
78
± 220
PECO2-x-4824Z2:1LF
36-72
8
53
± 24
± 10.5
± 42
79
± 100
If you need other specifications, please enquire.
*OPTIONS:
PINNING “A” / “B” / “C”
Please see table on page 3 and choose
your pinning.
(PECO2-A-2412Z2:1LF for Pinning “A”)
3.5 kV I/O Isolation
For optional 3.5kV DC I/O Isolation,
please add “H35” before (M)LF!
(PECO2-A-2412Z2:1H35LF)
Metal case
For optional Metal case, please add “M”
before LF!
(PECO2-A-2412Z2:1H35MLF)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com