Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECO2 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PECO2
Description  PECO-SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PECO2 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PECO2_14 Datasheet HTML 1Page - PEAK electronics GmbH PECO2_14 Datasheet HTML 2Page - PEAK electronics GmbH PECO2_14 Datasheet HTML 3Page - PEAK electronics GmbH PECO2_14 Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PECO-Series – PECO2-x-xxxxE/Z2:1(H35)(M)LF – Single/Dual Output – DIP24 – Plastic/Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/4
PECO2-x-xxxxE/Z2:1(H35)(M)LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
2:1 Wide Input
Input Filter
Pi Type
Input Reflected Ripple Current¹
35 mA pk-pk
Output Specifications
Voltage Accuracy
± 1%
Short Circuit Protection
Continuous (automatic recovery)
Line Regulation
± 0.5%
Load Regulation
± 0.5%
Ripple and Noise (20Mhz bandwidth)
60 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1500 VDC
3500 VDC (optional - please add “H35”)
I/O Isolation Capacity
60 pF, typ.
I/O Isolation Resistance
1000 M Ohm
Switching Frequency (typical)
100 - 400 kHz
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 2.199 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Nickel Coated Copper (optional – please add “M”)
Potting Material
Epoxy (UL94V-0 rated)
Weight
~12.5g, typ. (Plastic case - standard)
~15g, typ. (Metal case - optional)
Environment Specifications
Operating Temperature
-40 to +85°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection (10mm distance required)
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PECO-Line combine 1.5W up to 6W output power with 2:1 or 4:1 wide
input and regulated output. The converters are available in plastic or
optional metal DIP24 case with standard 1.5kV Isolation or optional 3.5kV
isolation. You can choose between 3 Pinnings.
PECO-SERIES
2 Watt
2:1 Wide Input
Reg. Single and Dual Output
1.5 – 3.5 kV DC I/O Isolation
DIP24 Plastic or Metal Case
Continuous Short Circuit Prot.
Full SMD Technology
Rev.02-2010


Similar Part No. - PECO2_14

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PECO1-x-0505E21LF PEAK-PECO1-x-0505E21LF Datasheet
149Kb / 4P
PECO-SERIES
PECO1-x-0505Z21LF PEAK-PECO1-x-0505Z21LF Datasheet
149Kb / 4P
PECO-SERIES
PECO1-x-0509E21LF PEAK-PECO1-x-0509E21LF Datasheet
149Kb / 4P
PECO-SERIES
PECO1-x-0509Z21LF PEAK-PECO1-x-0509Z21LF Datasheet
149Kb / 4P
PECO-SERIES
PECO1-x-0512E21LF PEAK-PECO1-x-0512E21LF Datasheet
149Kb / 4P
PECO-SERIES
More results

Similar Description - PECO2_14

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
PEAK electronics GmbH
PECO1 PEAK-PECO1_14 Datasheet
149Kb / 4P
PECO-SERIES
PECO3 PEAK-PECO3_14 Datasheet
149Kb / 4P
PECO-SERIES
PECO4 PEAK-PECO4_14 Datasheet
146Kb / 3P
PECO-SERIES
PECO5 PEAK-PECO5_14 Datasheet
145Kb / 3P
PECO-SERIES
PECO6 PEAK-PECO6_14 Datasheet
146Kb / 3P
PECO-SERIES
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com