Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECO2-x-0515E21LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PECO2-x-0515E21LF
Description  PECO-SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PECO2-x-0515E21LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PECO2-x-0515E21LF Datasheet HTML 1Page - PEAK electronics GmbH PECO2-x-0515E21LF Datasheet HTML 2Page - PEAK electronics GmbH PECO2-x-0515E21LF Datasheet HTML 3Page - PEAK electronics GmbH PECO2-x-0515E21LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PECO-Series – PECO2-x-xxxxE/Z2:1(H35)(M)LF – Single/Dual Output – DIP24 – Plastic/Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/4
Selection Guide
Single Output
Order #
Inpu
t Vo
ltag
e (V
DC
)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
ren
t Mi
n. L
oad
(mA
)
Out
put
Cur
ren
t Fu
ll Lo
ad (
mA
)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
)²
SINGLE OUTPUT - standard (1.5kV, plastic case)
PECO2-x-0505E2:1LF
4.5-9
40
588
5
100
400
68
2200
PECO2-x-0509E2:1LF
4.5-9
40
571
9
55.5
222
70
470
PECO2-x-0512E2:1LF
4.5-9
40
571
12
42.8
167
70
470
PECO2-x-0515E2:1LF
4.5-9
40
571
15
33.3
133
70
470
PECO2-x-0524E2:1LF
4.5-9
40
579
24
20.8
83
69
220
PECO2-x-1205E2:1LF
9-18
20
222
5
100
400
75
2200
PECO2-x-1209E2:1LF
9-18
20
213
9
55.5
222
78
470
PECO2-x-1212E2:1LF
9-18
20
213
12
42.8
167
78
470
PECO2-x-1215E2:1LF
9-18
20
213
15
33.3
133
78
470
PECO2-x-1224E2:1LF
9-18
20
210
24
20.8
83
79
220
PECO2-x-2405E2:1LF
18-36
12
106
5
100
400
78
2200
PECO2-x-2409E2:1LF
18-36
12
104
9
55.5
222
80
470
PECO2-x-2412E2:1LF
18-36
12
105
12
42.8
167
79
470
PECO2-x-2415E2:1LF
18-36
12
106
15
33.3
133
78
470
PECO2-x-2424E2:1LF
18-36
12
104
24
20.8
83
80
220
PECO2-x-4805E2:1LF
36-72
8
55.5
5
100
400
75
2200
PECO2-x-4809E2:1LF
36-72
8
53
9
55.5
222
78
470
PECO2-x-4812E2:1LF
36-72
8
52
12
42.8
167
79
470
PECO2-x-4815E2:1LF
36-72
8
52
15
33.3
133
80
470
PECO2-x-4824E2:1LF
36-72
8
52
24
20.8
83
80
220
If you need other specifications, please enquire.
*OPTIONS:
PINNING “A” / “B” / “C”
Please see table on page 3 and choose
your pinning.
(PECO2-A-2412E2:1LF for Pinning “A”)
3.5 kV I/O Isolation
For optional 3.5kV DC I/O Isolation,
please add “H35” before (M)LF!
(PECO2-A-2412E2:1H35LF)
Metal case
For optional Metal case, please add “M”
before LF!
(PECO2-A-2412E2:1H35MLF)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com