Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECO2-x-0515E21LF Datasheet(PDF) 4 Page - PEAK electronics GmbH

Part # PECO2-x-0515E21LF
Description  PECO-SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PECO2-x-0515E21LF Datasheet(HTML) 4 Page - PEAK electronics GmbH

  PECO2-x-0515E21LF Datasheet HTML 1Page - PEAK electronics GmbH PECO2-x-0515E21LF Datasheet HTML 2Page - PEAK electronics GmbH PECO2-x-0515E21LF Datasheet HTML 3Page - PEAK electronics GmbH PECO2-x-0515E21LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PECO-Series – PECO2-x-xxxxE/Z2:1(H35)(M)LF – Single/Dual Output – DIP24 – Plastic/Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 4/4
Package / Pinning / Derating
Standard
Optional: Please add „M“ before LF
#
Single
Dual
#
Single 1.5kV
Dual 1.5kV
#
Single
Dual
2
- Vin
- Vin
1
+Vin
+Vin
1
+Vin
+Vin
3
- Vin
- Vin
2
N.C.
- Vout
2
+Vin
+Vin
9
Omitted
Common
3
N.C.
Common
10 N.C.
Common
11 N.C.
- Vout
9
Omitted
Omitted
11 N.C.
Common
14 + Vout
+Vout
10 - Vout
Common
12 - Vout
N.C.
16 - Vout
Common
11 +Vout
+Vout
13 +Vout
- Vout
22 +Vin
+Vin
12 - Vin
- Vin
15 N.C.
+Vout
23 +Vin
+Vin
13 - Vin
- Vin
23 - Vin
- Vin
Same pinning for 3.5kV models!
14 +Vout
+Vout
24 - Vin
- Vin
15 - Vout
Common
Same pinning for 3.5kV models!
16 Omitted
Omitted
22 N.C.
Common
23 N.C.
- Vout
24 +Vin
+Vin
Only 1.5 kV isolation for pinning"B" available!
PINNING “A”
PINNING “B”
PINNING “C”
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH.
² = Tested by nominal Vin and constant resistor load.
- Operation under no-load conditions will not damage these devices, but they will not observe the listed specifications.
Example: Pinning “C”, single output, metal case
PECO
2
- C -
12
05
E
2:1
M
LF
Series
2 Watt
Pinning
“C”
Input
voltage
Output
voltage
single
output
2:1 wide
input
Metal
case
RoHS
Example: Pinning “A”, dual output, plastic case, 3.5kV isolation
PECO
2
- A -
24
12
Z
2:1
H35
LF
Series
2 Watt
Pinning
“A”
Input
voltage
Output
voltage
dual
output
2:1 wide
input
3.5kV
isolation
RoHS
85
100%
75%
50%
25%
-40
0
20
40
60
80 100
AMBIENT TEMPERATURE (°C)
TEMPERATURE DERATING GRAPH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com