Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PGT60107 Datasheet(PDF) 3 Page - Ericsson

Part # PGT60107
Description  1620 nm Transmitter Module for Supervisory Channel Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PGT60107 Datasheet(HTML) 3 Page - Ericsson

  PGT60107 Datasheet HTML 1Page - Ericsson PGT60107 Datasheet HTML 2Page - Ericsson PGT60107 Datasheet HTML 3Page - Ericsson PGT60107 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PGT 601 07
3
Optical Characteristics
Electrical and optical characteristics over recommended operating conditions, unless otherwise noted.
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Peak wavelength
λ
P
1612
1628
nm
Bit rate
2
155
Mb/s
Average output power
EOL
P
-3
+2
dBm
Side mode supression ratio
SMSR
30
dB
Extinction ratio
EOL
EX
10
dB
Eye diagram
G.957
ITU-T
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Power supply
4.7
5.3
V
Operating current
without TEC
200
mA
Power supply TEC
3.0
5.3
V
Operating current TEC
650
mA
Input data
P-ECL
Transmitter disable
CMOS
Laser control circuitry out of range
CMOS
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Operating case temperature
T
Case
070
°C
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Storage temperature
T
Sto
-40
85
°C
Supply voltage
-0.5
6.0
V
CAUTION: Stresses outside those listed in ”Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress only rating and operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com