Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PGT60107 Datasheet (PDF) - Ericsson

PGT60107 Datasheet PDF - Ericsson
Part # PGT60107
Download  PGT60107 Download
File Size   124.14 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 1620 nm Transmitter Module for Supervisory Channel Applications

PGT60107 Datasheet (PDF)

Go To PDF Page Download Datasheet
PGT60107 Datasheet PDF - Ericsson

Part # PGT60107
Download  PGT60107 Click to download

File Size   124.14 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 1620 nm Transmitter Module for Supervisory Channel Applications

PGT60107 Datasheet (HTML) - Ericsson


PGT60107 Product details

Description
The transmitter module is intended for use at SDH and SONET bit rates. The device meets the intention of the ITU-T (G.691) recommendations.
The single silicon IC is used as a laser driver, modulator and automatic power control. To ensure a proper laser operation over the wide temperature range and life of operation, the average optical output power is controlled. The laser bias is externally accessible for monitoring of the performance. A power alarm is activated when the average optical power cannot be maintained within specification. A laser shut-down is also provided according to SDH/ SONET requirements.

Key Features
• Provides 1620 nm supervisory channel laser source for WDM applications according to ITU-T draft G.691
• Average power control
• Small size (40x70x9 mm)
• CMOS alarm output
• Thermoelectric cooler included
• P-ECL data inputs
• Tone modulation input
• Single 5.0 V supply

Applications
• 1620 nm supervisory channel applications in WDM systems




Similar Part No. - PGT60107

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGT60106 ERICSSON-PGT60106 Datasheet
115Kb / 4P
1510 nm Transmitter Module for Supervisory Channel Applications
More results


Similar Description - PGT60107

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGT20140 ERICSSON-PGT20140 Datasheet
828Kb / 4P
1620 nm DFB Laser for Supervisory Channel Applications
PGT20130 ERICSSON-PGT20130 Datasheet
828Kb / 4P
1510 nm DFB Laser for Supervisory Channel Applications
PGT60106 ERICSSON-PGT60106 Datasheet
115Kb / 4P
1510 nm Transmitter Module for Supervisory Channel Applications
logo
Skyworks Solutions Inc.
SKY74702 SKYWORKS-SKY74702 Datasheet
63Kb / 2P
Transmitter for CDMA Applications
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
FM Radio Transmitter for Portable Applications
logo
Optoway Technology Inc
SPS-9380V-2RG OPTOWAY-SPS-9380V-2RG Datasheet
139Kb / 5P
1260 to 1620 nm / 3 Gb/s Dual Optical SM Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1712TZ AVAGO-HFBR-1712TZ Datasheet
106Kb / 3P
High Performance 850 nm Transmitter for extended link length applications with ST connector
SFH757 AVAGO-SFH757_11 Datasheet
629Kb / 4P
Transmitter for Polymer Optical Fiber Applications
logo
Broadcom Corporation.
HFBR-1712TZ BOARDCOM-HFBR-1712TZ Datasheet
106Kb / 3P
High Performance 850 nm Transmitter for extended link length applications with ST connector
logo
Renesas Technology Corp
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
Wireless Power Transmitter for 15W Applications
January 16, 2018
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com