Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL6H-M1lP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AL6H-M1lP
Description  A6 Series Miniature Switches and Pilot Devices 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL6H-M1lP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AL6H-M1lP Datasheet HTML 1Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 2Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 3Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 4Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 5Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 6Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 7Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 8Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
16mm A6
459
USA: 800-262-IDEC
Canada: 888-317-IDEC
Switches & Pilot Devices
AB6 Non-Illuminated Pushbuttons (Sub-Assembled)
Operator
+
Button
=
Completed Unit
Operators
Style
Contact
Operator
Part Number
Round
Square
Rectangular
Non-Illuminated Pushbuttons
SPDT
Momentary
AB6M-M100
AB6Q-M100
AB6H-M100
Maintained
AB6M-A100
AB6Q-A100
AB6H-A100
DPDT
Momentary
AB6M-M200
AB6Q-M200
AB6H-M200
Maintained
AB6M-A200
AB6Q-A200
AB6H-A200
Oversize rectangular button uses square operator.
Buttons
Description
Part Number
Button
Dustproof (IP40)
Oiltight (IP65)
Round
AB6M-BK1-j
AB6M-BK2-j
Square
AB6Q-BK1-j
AB6Q-BK2-j
Rectangular
AB6H-BK1-j
AB6H-BK2-j
Round Oversize
–
AB6M-BK2-Mj
Square Oversize
–
AB6Q-BK2-Qj
Rectangular Oversize
–
AB6Q-BK2-Hj
1. In place of j, specify Button Color Code from table.
2. Buttons which are rated IP65 include a waterproof rubber gasket.
3. For accessories, see page 466.
jButton Color Code
Color
Code
Black
B
Green
G
Red
R
Blue
S
White
W
Yellow
Y
jButton Color Code
Color
Code
Black
B
Green
G
Red
R
Blue
S
White
W
Yellow
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com