Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL6H-M1lP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AL6H-M1lP
Description  A6 Series Miniature Switches and Pilot Devices 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL6H-M1lP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AL6H-M1lP Datasheet HTML 1Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 2Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 3Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 4Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 5Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 6Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 7Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 8Page - List of Unclassifed Manufacturers AL6H-M1lP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
16mm A6
457
USA: 800-262-IDEC
Canada: 888-317-IDEC
Switches & Pilot Devices
A6 Series — Miniature Switches and Pilot Devices: 16mm
Key features:
16mm (5/8”) mounting hole
LED illumination
Compact design saves space
Momentary, Maintained, Selectors, and E-Stops
Gold-clad Silver contacts for reliable low level switching
Snap action contacts
IP40 (dustproof) or IP65 (oiltight) versions
Degree of Protection
IP40: Dustproof
IP65 Watertight/Oiltight
Contact Configuration
SPDT, DPDT
Maximum Voltage
250V AC/DC
Thermal Current
3A
Minimum Applicable Load
5V AC/DC, 1mA
Contact Material
Gold-clad silver
Terminal Style
.110” Solder/ Quick Connect
Operating Temperature
-25º to +55ºC (no freezing)
Operating Humidity
45 to 85% RH
Contact Resistance
50mΩ maximum (initial value)
Insulation Resistance
100MΩ minimum (500V DC megger)
Vibration Resistance
10 to 55Hz, amplitude 1.5mm p-p
Shock Resistance
Damage limits: 500m/sec2 (approx. 50G) Operating extremes: 200m/sec2 (approx. 20G)
Electrical Life
100,000 operations minimum (at full rated load)
Mechanical Life
Maintained: 100,000 operations minimum
Momentary: 1,000,000 operations minimum
Selector/Keylock: 250,000 operations minimum
Dielectric Strength
Switch Unit: 2,000V AC, 1 min. between live/dead part and terminals of different poles;
1,000V AC, 1 minute between terminals of the same pole;
1,500V AC, 1 minute between contact and lamp terminals.
Illumination Unit: 2,000V AC, 1 min. between live part/ground
Soldering Temperature
20W/5 seconds or 260ºC/3 seconds
Operating Voltage
24V
120V
240V
AC (50/60Hz)
Resistive
—
1.0A
0.5A
Inductive
—
0.7A
0.5A
DC
Resistive
1.0A
0.2A
—
Inductive
0.7A
0.1A
—
Rated Voltage/Current
5V DC ±5%
6V AC/DC (±10%)
12V AC/DC (±10%)
24V AC/DC (±10%)
8mA
AC: A, R, W, Y: 8mA
G, S: 7mA
DC: A, R, W, Y: 6mA
G, S: 5mA
AC: 9mA
DC: 8mA
AC: 9mA
DC: 8mA
1. AC Inductive Load, PF = 0.6 – 0.7; DC Inductive Load, L/R = 7ms.
2. LED lamp contains a built-in current limiting resistor and a protection diode.
3. LED’s don’t “burn out.” Luminance is reduced to 50% of initial intensity after being lit for 50,000 hours continuously.
•
•
•
•
•
•
•
UL Recognized
File No.E55996
R
CSA Certified
File No. LR21451


Similar Part No. - AL6H-M1lP

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
AL6H-P00 IDEC-AL6H-P00 Datasheet
3Mb / 14P
A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
AL6H-W IDEC-AL6H-W Datasheet
3Mb / 14P
A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
More results

Similar Description - AL6H-M1lP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437569-0 MACOM-2-1437569-0 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
List of Unclassifed Man...
HA1EV2S1R ETC2-HA1EV2S1R Datasheet
3Mb / 23P
L6 Series Miniature Switches and Pilot Devices
E22BA3 ETC2-E22BA3 Datasheet
63Kb / 1P
Oiltight Switches Pilot Devices
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
Oiltight Switches and Pilot Devices
logo
Tyco Electronics
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
A6SERIES IDEC-A6SERIES Datasheet
3Mb / 14P
A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
LW Series — Switches and Pilot Devices: 22mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com