Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0041 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0041
Description  Broadband CATV Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0041 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0041 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0041 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0041 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0041 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Broadband CATV Amplifier
50 - 1000 MHz
Rev. V3
MAAMSS0041
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
14.0
14.8
16.0
Gain Flatness
dB
—
0.5
1.0
Noise Figure
dB
—
2.7
3.8
Input Return Loss
dB
—
20
—
Output Return Loss
dB
—
18
—
Output IP3
6 MHz Spacing, -10 dBm output per tone
dBm
—
36
—
Composite Triple Beat, CTB
132 channels, +23 dBmV/channel at the output.
dBc
—
-80
—
Composite Second Order, CSO
132 channels, +23 dBmV/channel at the output.
dBc
—
-70
—
P1dB
dBm
—
23
—
IDD
+ 8 Volts
mA
—
100
130
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = +8 Volts, Z0 = 75 Ω
Schematic Including Off-Chip
Components
Recommended Board Layout
Off-Chip Component Values
Component
Value
Package
C1 - C4
0.01 µF
0402
C5
0.5 pF
0402
L17
1000 nH
1210
L2
8.2 nH
0402
L3
5.6 nH
0402
R1
523 Ω
0402
7. L1 supplied from EPCOS, part number B82422A1102K100.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com