Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0041 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0041
Description  Broadband CATV Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0041 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0041 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0041 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0041 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0041 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Broadband CATV Amplifier
50 - 1000 MHz
Rev. V3
MAAMSS0041
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Gain vs. Frequency over Temperature to 3 GHz
Gain vs. Frequency over Temperature to 1 GHz
Typical Performance Curves
Output Return Loss vs. Frequency over Temperature
Input Return Loss vs. Frequency over Temperature
Noise Figure vs. Frequency
13.0
13.5
14.0
14.5
15.0
15.5
16.0
0.0
0.2
0.4
0.6
0.8
1.0
-40°C
+25°C
+85°C
Frequency (GHz)
-10
-5
0
5
10
15
20
0.00.5
1.01.5
2.02.5
3.0
-40°C
+25°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.2
0.4
0.6
0.8
1.0
-40°C
+25°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.3
0.5
0.8
1.0
-40°C
+25°C
+85°C
Frequency (GHz)
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com