Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5232 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N5232
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5232 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N5232 Datasheet HTML 1Page - Continental Device India Limited 2N5232 Datasheet HTML 2Page - Continental Device India Limited 2N5232 Datasheet HTML 3Page - Continental Device India Limited 2N5232 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
2N5232
2N5232A
TO-92
Plastic Package
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Emitter Voltage
VCEO
50
V
Collector Base Voltage
VCBO
70
V
Emitter Base Voltage
VEBO
5V
Collector Current
IC
100
mA
Power Dissipation @ Ta=25ºC
PT
(1)
360
mW
Storage Temperature
Tstg
- 55 to +150
ºC
Junction Temperature
Tj
+125
ºC
Lead Soldering, 1/16" + 1/32" from
TL
+260
ºC
Case for 10 seconds maximum
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Voltage
BVCEO**
IC=10mA, IB=0
50
V
Collector Base Voltage
BVCBO
IC=10µA, IE=0
70
V
Emitter Base Voltage
BVEBO
IE=10µA, IC=0
5V
Collector Cut
Off Current
ICBO
VCB=50V, IE = 0
30
nA
Ta= 100ºC
VCB=50V, IE = 0
10
µA
Collector Cut
Off Current
ICES
VCE=50V, VBE = 0
30
nA
Emitter Cut
Off Current
IEBO
VEB=5V, IC = 0
50
nA
Collector Emitter Saturation Voltage
VCE(sat)
(2)
IC=10mA, IB=1mA
0.125
V
Base Emitter Saturation Voltage
VBE(sat)
(2)
IC=10mA, IB=1mA
0.780
V
Base Emitter
On Voltage
VBE(on)
VCE=10V, IC=2mA
0.5
0.900
V
DC Current Gain
hFE
VCE=5V, IC=0.1mA
170
(3)
VCE=5V, IC=2mA
250
500
(1) Derate by 3.6mW/ºC in case of increase in ambient temperature above 25ºC
(2) Pulse conditions: 300
µs duration, 2% duty cycle.
(3)Typically, a minimum of 95% of the distribution is above this value.
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N5232

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N5232 MICRO-ELECTRONICS-2N5232 Datasheet
55Kb / 1P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N5232A CENTRAL-2N5232A Datasheet
59Kb / 1P
Small Signal Transistors TO-92 Case (Continued)
More results

Similar Description - 2N5232

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com