Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3702 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N3702
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3702 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N3702 Datasheet HTML 1Page - Continental Device India Limited 2N3702 Datasheet HTML 2Page - Continental Device India Limited 2N3702 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
2N3702
2N3703
ELECTRICAL CHARACTERISTICS (Ta=25 ºC unless otherwise specified)
Description
Description
Description
Description
Description
Symbol
Symbol
Symbol
Symbol
Symbol
Min.
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Max. Unit
Unit
Unit
Unit
Unit
Collector Emitter Voltage
IC=10mA, IB=0
2N3702 BVCEO*
25
-
V
2N3703
30
-
V
Collector Base Voltage
IC=100µA, IE=0
2N3702 BVCBO
40
-
V
2N3703
50
-
V
Emitter Base Voltage
IE=100µA, IC=0
BVEBO
5-
V
Collector Cutoff Current
VCB=20V, IE=0
ICBO
-
100
nA
Emitter Cutoff Current
VEB=3V, IC=0
IEBO
-
100
nA
DC Current Gain
VCE=5V, IC=50mA
2N3702 hFE*
60
300
2N3703
30
150
Collector Emitter Saturation Voltage
IC=50mA, IB=5mA
VCE(sat)*
-
0.25
V
Base Emitter On Voltage
IC=50mA, VCE=5V
VBE(on)*
0.6
1.0
V
DYNAMIC CHARACTERISTICS
Transition Frequency
VCE=5V, IC=50mA, f=20MHz
fT
100
-
MHz
Output Capacitance
VCB=10V, IE=0, f=1MHz
Cob
-12
pF
* Pulse Test : Pulse Width
≤ 300µs, Duty cycle ≤ 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com