Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3702 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N3702
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3702 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N3702 Datasheet HTML 1Page - Continental Device India Limited 2N3702 Datasheet HTML 2Page - Continental Device India Limited 2N3702 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
2N3702
2N3703
ABSOLUTE MAXIMUM RATINGS
Rating
Rating
Rating
Rating
Rating
Symbol
Symbol
Symbol
Symbol
Symbol
2N3702
2N3703
Units
Units
Units
Units
Units
Collector Emitter voltage
VCEO
25
30
V
Collector Base voltage
VCBO
40
50
V
Emitter Base voltage
VEBO
55
V
Collector Current (Continuous)
IC
-
600
-
mA
Total Power Dissipation Ta = 25ºC
PD
-
625
-
mW
Derate above 25ºC
-
5
-
mW/ºC
Operating & Storage Junction
Tj,Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth (j-a)
-
200
-
ºC/W
1 = EMITTER
2 = COLLECTOR
3 = BASE
DIM
MIN
MAX
A
4,32
5,33
B
4,45
5,20
C
3,18
4,19
D
0,41
0,55
E
0,35
0,50
F
5 DEG
G
1,14
1,40
H
1,14
1,53
K
12,70
–
L
1.982
2.082
ALL DIMENSIONS IN M.M.
E C
B
1 2 3
TO-92 Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N3702

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N3702 FAIRCHILD-2N3702 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
logo
Micro Electronics
2N3702 MICRO-ELECTRONICS-2N3702 Datasheet
299Kb / 4P
PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS
2N3702 MICRO-ELECTRONICS-2N3702 Datasheet
311Kb / 4P
PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS
logo
Central Semiconductor C...
2N3702 CENTRAL-2N3702 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Fairchild Semiconductor
2N3702 FAIRCHILD-2N3702 Datasheet
59Kb / 3P
PNP General Purpose Amplifier
More results

Similar Description - 2N3702

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com