Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3501 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # 2N3501
Description  NPN SILICON PLANAR RF TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3501 Datasheet(HTML) 3 Page - Continental Device India Limited

  2N3501 Datasheet HTML 1Page - Continental Device India Limited 2N3501 Datasheet HTML 2Page - Continental Device India Limited 2N3501 Datasheet HTML 3Page - Continental Device India Limited 2N3501 Datasheet HTML 4Page - Continental Device India Limited 2N3501 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NPN SILICON PLANAR RF TRANSISTORS
2N3498, 2N3499,
2N3500, 2N3501
TO-39
Metal Can Package
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
MIN
TYP
MAX
Output Admittance
hoe
2N3498/3500
IC=10mA,VCE=10V,
100
µ
mhos
2N3499/3501
f=1KHz
200
Transition Frequency
fT
ALL
IC=20mA,VCE=20V,
150
MHz
f=100MHz
Output Capacitance
Cob
2N3498/3499
VCB=10V,IE=0, f=100KHz
10
pF
2N3500/3501
8pF
Input Capacitance
Cib
VBE=0.5V, IC=0, f=100KHz
ALL
80
pF
SWITCHING CHARACTERISTICS
Delay Time
td
20
ns
IC=150mA, IB1=15mA
VCC=100V, VEB=2V
Rise Time
tr
35
ns
Storage Time
ts
800
ns
IC=150mA, IB1=IB2=15mA
VCC=100V
Fall Time
ts
80
ns
*Pulse Test: Pulse Width <300
µs, Duty Cycle <2%
VALUE
Continental Device India Limited
Data Sheet
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com