Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3501 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N3501
Description  NPN SILICON PLANAR RF TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3501 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N3501 Datasheet HTML 1Page - Continental Device India Limited 2N3501 Datasheet HTML 2Page - Continental Device India Limited 2N3501 Datasheet HTML 3Page - Continental Device India Limited 2N3501 Datasheet HTML 4Page - Continental Device India Limited 2N3501 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLANAR RF TRANSISTORS
2N3498, 2N3499,
2N3500, 2N3501
TO-39
Metal Can Package
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
2N3498
2N3500
UNITS
2N3499
2N3501
Collector Emitter Voltage
VCEO
100
150
V
Collector Base Voltage
VCBO
100
150
V
Emitter Base Voltage
VEBO
6V
Collector Current Continuous
IC
500
300
mA
Power Dissipation @ Ta=25ºC
PD
1.0
W
Derate Above 25ºC
5.71
mW/ºC
Power Dissipation@ Tc=25ºC
PD
5.0
W
Derate Above 25ºC
28.6
mW/ºC
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
175
ºC/W
Junction to Case
Rth(j-c)
35
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
MIN
TYP
MAX
Collector Emitter Breakdown Voltage
BVCEO*
2N3498/3499
IC=10mA,IB=0
100
V
2N3500/3501
150
V
Collector Base Breakdown Voltage
BVCBO IC=10µA, IE=0
2N3498/3499
100
V
2N3500/3501
150
V
Emitter Base Breakdown Voltage
BVEBO IE=10µA, IC=0
ALL
6
V
Collector Leakage Current
2N3498/3499
ICBO
VCB=50V, IE=0
50
nA
2N3498/3499
VCB=50V, IE=0,TA=150ºC
50
µ
A
2N3500/3501
VCB=75V, IE=0
50
nA
2N3500/3501
VCB=75V, IE=0,TA=150ºC
50
µ
A
Emitter Leakage Current
IEBO
ALL
VEB=4V, IC=0
25
nA
VALUE
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N3501

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3501 SEMICOA-2N3501 Datasheet
32Kb / 1P
Chip Type 2C3501 Geometry 5620 Polarity NPN
logo
Boca Semiconductor Corp...
2N3501 BOCA-2N3501 Datasheet
169Kb / 5P
GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Microsemi Corporation
2N3501 MICROSEMI-2N3501 Datasheet
511Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3501 MICROSEMI-2N3501 Datasheet
69Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3501 CENTRAL-2N3501 Datasheet
22Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N3501

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFS17L ZETEX-BFS17L Datasheet
44Kb / 2P
NPN SILICON PLANAR RF TRANSISTORS
ZUMTS17 ZETEX-ZUMTS17 Datasheet
24Kb / 2P
NPN SILICON PLANAR RF TRANSISTORS
logo
Rohm
2SC2063 ROHM-2SC2063 Datasheet
309Kb / 4P
RF Amplifier Epitaxial Planar NPN Silicon Transistors
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
logo
Continental Device Indi...
BF494 CDIL-BF494 Datasheet
68Kb / 4P
NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
logo
Comset Semiconductor
2N3636 COMSET-2N3636 Datasheet
77Kb / 3P
SILICON PLANAR RF TRANSISTORS
logo
Diodes Incorporated
BFS17L DIODES-BFS17L Datasheet
50Kb / 2P
SOT23 NPN SILICON PLANAR RF TRANSISTORS
MARCH 2001
logo
Continental Device Indi...
BF240 CDIL-BF240 Datasheet
269Kb / 3P
NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
logo
Diodes Incorporated
ZUMTS17 DIODES-ZUMTS17 Datasheet
74Kb / 2P
SOT323 NPN SILICON PLANAR RF TRANSISTORS
DECEMBER 1998
logo
Zetex Semiconductors
BFS17HTA ZETEX-BFS17HTA Datasheet
57Kb / 2P
SOT23 NPN SILICON PLANAR RF TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com