Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285GSZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP285GSZ
Description  Dual 9 MHz Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP285GSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP285GSZ Datasheet HTML 4Page - Analog Devices OP285GSZ Datasheet HTML 5Page - Analog Devices OP285GSZ Datasheet HTML 6Page - Analog Devices OP285GSZ Datasheet HTML 7Page - Analog Devices OP285GSZ Datasheet HTML 8Page - Analog Devices OP285GSZ Datasheet HTML 9Page - Analog Devices OP285GSZ Datasheet HTML 10Page - Analog Devices OP285GSZ Datasheet HTML 11Page - Analog Devices OP285GSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
OP285
–8–
16–20V
0.1 F
V+
V–
5V
D1
D2
+15V
2N4416
D3
D4
OUTPUT
(TO SCOPE)
1 F
IC2
2N2222A
–15V
1N4148
DUT
1/2 OP260AJ
16–20V
+
+
SCHOTTKY DIODES D1–D4 ARE
HEWLETT-PACKARD HP5082-2835
IC1 IS 1/2 OP260AJ
IC2 IS PMI OP41EJ
15k
RL
1k
0.1 F
10k
10k
RF
2k
RG
222
750
1k
+15V
3
8
1
4
2
–15V
+
7A13 PLUG-IN
7A13 PLUG-IN
2N3904
300pF
15V
1N4148
TTL
INPUT
15V
1.8k
0.1 F
VREF
(–1V)
2N2907
IOUT
|VREF|
1k
*NOTE
DECOUPLE CLOSE
TOGETHER ON GROUND PLAN
WITH SHORT LEAD LENGTHS.
*
0.01 F
0.47 F
+
10 F
0.1 F
0.1 F
220
1k
1k
1.5k
1/2
OP285
+
Figure 5. Transient Output Load Current Test Fixture
10
90
100
0%
A1
1,2 V
T
138.9NS
5V
TTL CTRL
(5V/ DIV)
10V
VOUT
(2MV/ DIV)
2MV
50NS
Figure 6. OP285’s Output Load Current Recovery Time
Measuring Settling Time
The design of OP285 combines high slew rate and wide gain-
bandwidth product to produce a fast-settling (ts < l
µs) amplifier
for 8- and 12-bit applications. The test circuit designed to measure
the settling time of the OP285 is shown in Figure 7. This test
method has advantages over false-sum node techniques in that
the actual output of the amplifier is measured, instead of an
error voltage at the sum node. Common-mode settling effects
are exercised in this circuit in addition to the slew rate and
bandwidth effects measured by the false-sum-node method. Of
course, a reasonably flat-top pulse is required as the stimulus.
The output waveform of the OP285 under test is clamped by
Schottky diodes and buffered by the JFET source follower.
The signal is amplified by a factor of ten by the OP260 and
then Schottky-clamped at the output to prevent overloading
the oscilloscope’s input amplifier. The OP41 is configured as
a fast integrator which provides overall dc offset nulling.
High Speed Operation
As with most high speed amplifiers, care should be taken with
supply decoupling, lead dress, and component placement. Rec-
ommended circuit configurations for inverting and noninverting
applications are shown in Figures 8 and Figure 9.
+15V
+
2
3
8
1
4
VIN
VOUT
–15V
10 F
0.1 F
RL
15k
0.1 F
10 F
1/2
OP285
Figure 8. Unity Gain Follower
Figure 7. OP285’s Settling Time Test Fixture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com