Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285GSZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP285GSZ
Description  Dual 9 MHz Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP285GSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP285GSZ Datasheet HTML 7Page - Analog Devices OP285GSZ Datasheet HTML 8Page - Analog Devices OP285GSZ Datasheet HTML 9Page - Analog Devices OP285GSZ Datasheet HTML 10Page - Analog Devices OP285GSZ Datasheet HTML 11Page - Analog Devices OP285GSZ Datasheet HTML 12Page - Analog Devices OP285GSZ Datasheet HTML 13Page - Analog Devices OP285GSZ Datasheet HTML 14Page - Analog Devices OP285GSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
OP285
–11–
A 3-Pole, 40 kHz Low-Pass Filter
The closely matched and uniform ac characteristics of the OP285
make it ideal for use in GIC (Generalized Impedance Converter)
and FDNR (Frequency Dependent Negative Resistor) filter appli-
cations. The circuit in Figure 16 illustrates a linear-phase,
3-pole, 40 kHz low-pass filter using an OP285 as an inductance
simulator (gyrator). The circuit uses one OP285 (A2 and A3)
for the FDNR and one OP285 (Al and A4) as an input buffer
and bias current source for A3. Amplifier A4 is configured in a
gain of 2 to set the pass band magnitude response to 0 dB. The
benefits of this filter topology over classical approaches are
that the op amp used in the FDNR is not in the signal path and
that the filter’s performance is relatively insensitive to compo-
nent variations. Also, the configuration is such that large signal
levels can be handled without overloading any of the filter’s
internal nodes. As shown in Figure 17, the OP285’s symmetric
slew rate and low distortion produce a clean, well-behaved
transient response.
10
90
100
0%
SCALE: VERTICAL – 2V/ DIV
HORIZONTAL – 10 S/ DIV
VOUT
10V p-p
10kHz
Figure 17. Low-Pass Filter Transient Response
VIN
3
2
1
A1
A1, A4 = 1/2 OP285
A2, A3 = 1/2 OP285
1
A2
2
3
R1
95.3k
C1
2200pF
R2
787
C2
2200pF
R3
1.82k
C3
2200pF
R4
1.87k
R5
1.82k
A3
5
7
6
A4
5
7
6
R6
4.12k
R7
100k
R9
1k
VOUT
R8
1k
C4
2200pF
Figure 16. A 3-Pole, 40 kHz Low-Pass Filter
Driving Capacitive Loads
The OP285 was designed to drive both resistive loads to 600
Ω
and capacitive loads of over 1000 pF and maintain stability. While
there is a degradation in bandwidth when driving capacitive loads,
the designer need not worry about device stability. The graph in
Figure 18 shows the 0 dB bandwidth of the OP285 with capacitive
loads from 10 pF to 1000 pF.
0
0
CLOAD – pF
200
400
600
800
1000
1
2
3
4
5
6
7
8
9
10
Figure 18. Bandwidth vs. CLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com