Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1020 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # P1020
Description  communications processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1020 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  P1020 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1020 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QorIQ P1011 and P1020
communications processors
Overview
Freescale QorIQ communications platforms are
the next-generation evolution of our leading
PowerQUICC communications processors. Built
using high-performance Power Architecture®
cores, QorIQ platforms enable a new era of
networking innovation where the reliability,
security and quality of service for every
connection matters.
QorIQ P1011 and P1020
Communications Processors
The QorIQ P1 family, which includes the P1011
and P1020 communications processors, offers
the value of smart integration and efficient
power for a wide variety of applications in the
networking, telecom, defense and industrial
markets. Based on 45 nm technology for low
power, the P1011 and P1020 processors provide
both single- and dual-core options, from
533–800 MHz, along with advanced security
and a rich set of interfaces.
The P1011 and P1020 processors are ideally
suited for multiservice gateways, Ethernet switch
controllers, wireless LAN access points and high-
performance general-purpose control processor
applications with tight thermal constraints.
The P1011 and P1020 processors are
pin-compatible with the QorIQ P2 platform
products, offering a four-chip range of cost-
effective solutions. Scaling from a single core
at 533 MHz (P1011) to a dual core at
1.2 GHz per core (P2020), the combined
QorIQ platforms offer an impressive 4.5x
aggregate frequency range.
The P1011 and P1020 platforms are software
compatible, and both feature the e500 Power
Architecture core and peripherals, as well
as being fully software compatible with the
earlier PowerQUICC processors. This enables
customers to create a product with multiple
performance points from a single board design.
The P1020 dual-core processor supports both
symmetric and asymmetric processing, enabling
customers to further optimize their design with
the same applications running on each core
or serialize their application using the cores for
different processing tasks.
QorIQ P1020 and P1011 Block Diagram
32 KB
L1 I Cache
Power Architecture®
e500 Core
32 KB
L1 D Cache
256 KB
L2 Cache
32 KB
L1 I Cache
Power Architecture
e500 Core
32 KB
L1 D Cache
DDR2/DDR3
SDRAM Controller
Not on P1011
Coherency Module
System Bus
4-ch. DMA Controller
4-ch. DMA Controller
2x PCI Express®
On-Chip Network
On-Chip Network
4-lane SerDes
Security
Acceleration
XOR
DUART, 2x I2C, Timers,
Interrupt Control,
SD/MMC, SPI,
2x USB 2.0/ULPI
3x
Gigabit
Ethernet
Enhanced Local Bus
Controller (eLBC)
TDM
Accelerators and Memory Control
Networking Elements
Core Complex (CPU, L2 and Frontside CoreNet Platform Cache)
Basic Peripherals and Interconnect
QorIQ P1011 and P1020 Block Diagram
P Series
QorIQ Communications Platforms


Similar Part No. - P1020

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1020 FREESCALE-P1020 Datasheet
227Kb / 2P
single- and dual-core communications processors
P1020 FREESCALE-P1020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1020 FREESCALE-P1020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1020 FREESCALE-P1020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1020 FREESCALE-P1020 Datasheet
227Kb / 2P
P1011 and P1020 single- and dual-core communications processors
More results

Similar Description - P1020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC8260 ATMEL-PC8260 Datasheet
364Kb / 53P
PowerPC-based Communications Processors
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
Freescale Semiconductor...
P1012 FREESCALE-P1012 Datasheet
291Kb / 2P
single- and dual-core communications processors
P1010NXE5HFA FREESCALE-P1010NXE5HFA Datasheet
209Kb / 2P
QorIQ P1010 and P1014 Communications Processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
communications processors
P1010NSN5HHA FREESCALE-P1010NSN5HHA Datasheet
209Kb / 2P
Communications Processors
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
TMS320F28PLC84 TI1-TMS320F28PLC84 Datasheet
1Mb / 132P
TMS320F28PLC8x Power Line Communications (PLC) Processors
logo
NXP Semiconductors
T1024 NXP-T1024 Datasheet
142Kb / 3P
Communications Processors
2014-2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com