Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20249 Datasheet(PDF) 1 Page - Ericsson

Part # PTB20249
Description  2.5 Watts, 1465-1513 MHz Cellular Radio RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20249 Datasheet(HTML) 1 Page - Ericsson

  PTB20249 Datasheet HTML 1Page - Ericsson PTB20249 Datasheet HTML 2Page - Ericsson PTB20249 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCER
55
Vdc
Collector-Base Voltage
VCBO
55
Vdc
Emitter-Base Voltage (collector open)
VEBO
4
Vdc
Collector Current (continuous)
IC
0.5
Adc
Total Device Dissipation at Tflange = 25°C
PD
10
Watts
Above 25°C derate by
0.057
W/°C
Storage Temperature Range
T
STG
–40 to +150
°C
Thermal Resistance (Tflange = 70°C)
RθJC
17.5
°C/W
PTB 20249
2.5 Watts, 1465–1513 MHz
Cellular Radio RF Power Transistor
Description
The 20249 is a class AB, NPN, common emitter RF power transistor
intended for 26 Vdc operation from 1465 to 1513 MHz. Rated at 2.5
watts minimum output power, it may be used for both CW and PEP
applications. Ion implantation, nitride surface passivation and gold
metallization are used to ensure excellent device reliability. 100% lot
traceability is standard.
Typical Output Power vs. Input Power
0
1
2
3
4
5
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
Input Power (Watts)
VCC = 26 V
ICQ = 25 mA
f = 1513 MHz
Package 20227
• 2.5 Watts, 26 Vdc
• Class AB Characteristics
• Surface Mountable
• Available in Tape and Reel
• Gold Metallization
• Silicon Nitride Passivated
20249
LOT
CODE
9/28/98


Similar Part No. - PTB20249

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20245 ERICSSON-PTB20245 Datasheet
303Kb / 5P
35 Watts, 2.1-2.2 GHz Wide-Band CDMA Power Transistor
PTB20248 ERICSSON-PTB20248 Datasheet
446Kb / 3P
0.7 Watts, 1465-1513 MHz Cellular Radio RF Power Transistor
More results

Similar Description - PTB20249

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20009 ERICSSON-PTB20009 Datasheet
39Kb / 2P
2.5 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20046 ERICSSON-PTB20046 Datasheet
40Kb / 2P
1 Watt, 1465-1513 MHz Cellular Radio RF Power Transistor
PTB20105 ERICSSON-PTB20105 Datasheet
45Kb / 3P
20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20111 ERICSSON-PTB20111 Datasheet
47Kb / 3P
85 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20147 ERICSSON-PTB20147 Datasheet
385Kb / 2P
2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20180 ERICSSON-PTB20180 Datasheet
43Kb / 2P
2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20239 ERICSSON-PTB20239 Datasheet
449Kb / 3P
12 Watts, 1465-1513 MHz Cellular Radio RF Power Transistor
PTB20248 ERICSSON-PTB20248 Datasheet
446Kb / 3P
0.7 Watts, 1465-1513 MHz Cellular Radio RF Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com