Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20249 Datasheet(PDF) 2 Page - Ericsson

Part # PTB20249
Description  2.5 Watts, 1465-1513 MHz Cellular Radio RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20249 Datasheet(HTML) 2 Page - Ericsson

  PTB20249 Datasheet HTML 1Page - Ericsson PTB20249 Datasheet HTML 2Page - Ericsson PTB20249 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PTB 20249
2
Z Source
Z Load
Electrical Characteristics (100% Tested)
Characteristic
Conditions
Symbol
Min
Typ
Max
Units
Breakdown Voltage C to E
IB = 0 A, IC = 5 mA, RBE = 22 Ω
V(BR)CER
55
Volts
Breakdown Voltage C to E
VBE = 0 V, IC = 5 mA
V(BR)CES
55
Volts
Breakdown Voltage E to B
IC = 0 A, IE = 5 mA
V(BR)EBO
4
5
Volts
DC Current Gain
VCE = 5 V, IC = 250 mA
hFE
20
RF Specifications (100% Tested)
Characteristic
Symbol
Min
Typ
Max
Units
Gain
(VCC = 26 Vdc, Pout = 1 W, ICQ = 25 mA, f = 1513 MHz)
Gpe
9.5
11.5
dB
Power Output at 1 dB Compression
(VCC = 26 Vdc, ICQ = 25 mA, f = 1513 MHz)
P-1dB
2.5
3.5
Watts
Load Mismatch Tolerance
(VCC = 26 Vdc, Pout = 5 W, ICQ = 25 mA,
Ψ
5:1
f = 1513 MHz—all phase angles at frequency of test)
Impedance Data (data shown for fixed-tuned broadband circuit)
(VCC = 26 Vdc, Pout = 2.5 W, ICQ = 25 mA)
Frequency
Z Source
Z Load
MHz
R
jX
R
jX
1465
17.90
12.50
10.50
25.40
1489
17.60
12.90
10.40
26.10
1513
17.30
13.40
10.40
26.70
Z0 = 50 Ω
5 /1 9/98



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com